Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC600 Datasheet (PDF) - Extech Instruments Corporation.

SC600 Datasheet PDF - Extech Instruments Corporation.
Part # SC600
Download  SC600 Download
File Size   412.76 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description Electronic Counting Scale/Balance

SC600 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC600 Datasheet PDF - Extech Instruments Corporation.

Part # SC600
Download  SC600 Click to download

File Size   412.76 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description Electronic Counting Scale/Balance

SC600 Datasheet (HTML) - Extech Instruments Corporation.


SC600 Product details

Professional electronic counting and weighing scale with load cell transducer for high accuracy and performance. Wide capacity measuring single small electronic component weighing 0.005oz (0.1g) or batches up to 21.164oz (600g). Optional software available for generating reports and documentation of inventory components.

Features
•  Wide measuring capacity up to 600g (21.164oz)
•  Gram or Ounce measurement selectable by internal slide switch
•  ±0.05% accuracy with 0.01g and 0.0005oz resolution
•  LCD display with 0.8" (20.9mm) easy-to-read digits
•  Built-in self-calibration system using traceable weights
•  High precision counting function with preset counting sampling number selection of 10pcs, 20pcs, 50pcs, or 100pcs
•  TARE function to set the scale to zero
•  Built-in bubble level with adjustable rubber pads
•  RS-232 interface (optional 407001 software with cable)
•  Dimensions:
    Base: 9.8 x 7.5 x 2.8" (250 x 190 x 70mm)
    Platform Diameter: 4.7" (120mm)
•  Weight: 2.2lbs (1kg)
•  Complete with 6 AA batteries, metal platform, and Universal AC adaptor with multi-plugs




Similar Part No. - SC600

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC600 SEMTECH-SC600 Datasheet
473Kb / 19P
mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
logo
Switchcraft, Inc.
SC600 SWITCH-SC600 Datasheet
225Kb / 1P
600, 700, 702, 800 & 900 Series Overview
logo
Socay Electornics Co., ...
SC600-110 SOCAY-SC600-110 Datasheet
462Kb / 4P
Radial Lead Resettable Polymer PTCs
SC600-150 SOCAY-SC600-150 Datasheet
462Kb / 4P
Radial Lead Resettable Polymer PTCs
SC600-160 SOCAY-SC600-160 Datasheet
462Kb / 4P
Radial Lead Resettable Polymer PTCs
More results


Similar Description - SC600

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M51132L RENESAS-M51132L Datasheet
342Kb / 12P
2ch Electronic Volume Balance
Rev.1.0 Sep.05.2003
logo
Mitsubishi Electric Sem...
M51132L MITSUBISHI-M51132L Datasheet
519Kb / 9P
2CH ELECTRONIC VOLUME-BALANCE
M51131L MITSUBISHI-M51131L Datasheet
536Kb / 9P
2 CHANNEL ELECTRONIC VOLUME BALANCE
logo
Bourns Electronic Solut...
CT-23 BOURNS-CT-23 Datasheet
187Kb / 1P
Turns-Counting Dial
H-550 BOURNS-H-550 Datasheet
26Kb / 1P
Turns-Counting Dial
H-22 BOURNS-H-22 Datasheet
453Kb / 1P
Turns-Counting Dials
H-490 BOURNS-H-490 Datasheet
323Kb / 1P
Turns-Counting Dial
CT-23 BOURNS-CT-23_07 Datasheet
191Kb / 1P
Turns-Counting Dial
H22 BOURNS-H22_12 Datasheet
195Kb / 1P
Turns-Counting Dial
logo
Extech Instruments Corp...
SC50 EXTECH-SC50 Datasheet
246Kb / 1P
Electronic Digital Scale
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com