Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC600 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # SC600
Description  Electronic Counting Scale/Balance
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

SC600 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  SC600 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC600 Electronic
Counting Scale/Balance
Professional electronic counting and
weighing scale with load cell transducer
for high accuracy and performance.
Wide capacity measuring single small
electronic component weighing 0.005oz
(0.1g) or batches up to 21.164oz
(600g). Optional software available for
generating reports and documentation
of inventory components.
Features
•
Wide measuring capacity up to 600g (21.164oz)
•
Gram or Ounce measurement selectable by internal
slide switch
•
±0.05% accuracy with 0.01g and 0.0005oz resolution
•
LCD display with 0.8" (20.9mm) easy-to-read digits
•
Built-in self-calibration system using traceable weights
•
High precision counting function with preset counting
sampling number selection of 10pcs, 20pcs,
50pcs, or 100pcs
•
TARE function to set the scale to zero
•
Built-in bubble level with adjustable rubber pads
•
RS-232 interface (optional 407001 software with cable)
•
Dimensions:
Base: 9.8 x 7.5 x 2.8" (250 x 190 x 70mm)
Platform Diameter: 4.7" (120mm)
•
Weight: 2.2lbs (1kg)
•
Complete with 6 AA batteries, metal platform, and
Universal AC adaptor with multi-plugs
Ordering
SC600............... Electronic Counting Scale/Balance
407001.............. Data Acquisition Software with Cable
407001-USB ..... USB adaptor for 407001
www.extech.com
Specifications subject to change without notice. Copyright © 2013 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
Rev. 10/9/13


Similar Part No. - SC600

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC600 SEMTECH-SC600 Datasheet
473Kb / 19P
mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
logo
Switchcraft, Inc.
SC600 SWITCH-SC600 Datasheet
225Kb / 1P
600, 700, 702, 800 & 900 Series Overview
logo
Socay Electornics Co., ...
SC600-110 SOCAY-SC600-110 Datasheet
462Kb / 4P
Radial Lead Resettable Polymer PTCs
SC600-150 SOCAY-SC600-150 Datasheet
462Kb / 4P
Radial Lead Resettable Polymer PTCs
SC600-160 SOCAY-SC600-160 Datasheet
462Kb / 4P
Radial Lead Resettable Polymer PTCs
More results

Similar Description - SC600

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M51132L RENESAS-M51132L Datasheet
342Kb / 12P
2ch Electronic Volume Balance
Rev.1.0 Sep.05.2003
logo
Mitsubishi Electric Sem...
M51132L MITSUBISHI-M51132L Datasheet
519Kb / 9P
2CH ELECTRONIC VOLUME-BALANCE
M51131L MITSUBISHI-M51131L Datasheet
536Kb / 9P
2 CHANNEL ELECTRONIC VOLUME BALANCE
logo
Bourns Electronic Solut...
CT-23 BOURNS-CT-23 Datasheet
187Kb / 1P
Turns-Counting Dial
H-550 BOURNS-H-550 Datasheet
26Kb / 1P
Turns-Counting Dial
H-22 BOURNS-H-22 Datasheet
453Kb / 1P
Turns-Counting Dials
H-490 BOURNS-H-490 Datasheet
323Kb / 1P
Turns-Counting Dial
CT-23 BOURNS-CT-23_07 Datasheet
191Kb / 1P
Turns-Counting Dial
H22 BOURNS-H22_12 Datasheet
195Kb / 1P
Turns-Counting Dial
logo
Extech Instruments Corp...
SC50 EXTECH-SC50 Datasheet
246Kb / 1P
Electronic Digital Scale
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com