Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7006S Datasheet (PDF) - Integrated Device Technology

IDT7006S Datasheet PDF - Integrated Device Technology
Part # IDT7006S
Download  IDT7006S Download
File Size   263.15 Kbytes
Page   20 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM

IDT7006S Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7006S Datasheet PDF - Integrated Device Technology

Part # IDT7006S
Download  IDT7006S Click to download

File Size   263.15 Kbytes
Page   20 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM

IDT7006S Datasheet (HTML) - Integrated Device Technology


IDT7006S Product details

DESCRIPTION:
The IDT7006 is a high-speed 16K x 8 Dual-Port Static RAM. The IDT7006 is designed to be used as a stand-alone Dual-Port RAM or as a combination MASTER/SLAVE Dual Port RAM for 16-bit-or-more word systems. Using the IDT MASTER/SLAVE Dual-Port RAM approach in 16-bit or wider memory system applications results in full-speed, error-free operation without the need for additional discrete logic.

FEATURES:
• True Dual-Ported memory cells which allow simultaneous access of the same memory location
• High-speed access
   — Military: 20/25/35/55/70ns (max.)
   — Commercial: 15/17/20/25/35/55ns (max.)
• Low-power operation
   — IDT7006S
      Active: 750mW (typ.)
      Standby: 5mW (typ.)
   — IDT7006L
      Active: 750mW (typ.)
      Standby: 1mW (typ.)
• IDT7006 easily expands data bus width to 16 bits or more using the Master/Slave select when cascading more than one device
• M/S = H for BUSY output flag on Master, M/S = L for BUSY input on Slave
• Busy and Interrupt Flags
• On-chip port arbitration logic
• Full on-chip hardware support of semaphore signaling between ports
• Fully asynchronous operation from either port
• Devices are capable of withstanding greater than 2001V electrostatic discharge
• Battery backup operation—2V data retention
• TTL-compatible, single 5V (±10%) power supply
• Available in a 68-pin PGA, a 68-pin quad flatpack, a 68-pin PLCC, and a 64-pin TQFP
• Industrial temperature range (–40°C to +85°C) is available, tested to military electrical specifications




Similar Part No. - IDT7006S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7006S IDT-IDT7006S Datasheet
196Kb / 21P
HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT7006SL IDT-IDT7006SL Datasheet
188Kb / 20P
HIGH-SPEED HIGH-SPEED STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
More results


Similar Description - IDT7006S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S Datasheet
171Kb / 22P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S_15 Datasheet
682Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S_18 Datasheet
207Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V06 RENESAS-70V06 Datasheet
305Kb / 24P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
Feb.07.20
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com