Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT70V06S Datasheet (PDF) - Integrated Device Technology

IDT70V06S Datasheet PDF - Integrated Device Technology
Part # IDT70V06S
Download  IDT70V06S Download
File Size   171.53 Kbytes
Page   22 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM

IDT70V06S Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT70V06S Datasheet PDF - Integrated Device Technology

Part # IDT70V06S
Download  IDT70V06S Click to download

File Size   171.53 Kbytes
Page   22 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM

IDT70V06S Datasheet (HTML) - Integrated Device Technology


IDT70V06S Product details

Description
The IDT70V06 is a high-speed 16K x 8 Dual-Port Static RAM. The IDT70V06 is designed to be used as a stand-alone 128K-bit Dual-Port Static RAM or as a combination MASTER/SLAVE Dual-Port Static RAM for 16-bit-or-more word systems.

Features
◆ True Dual-Ported memory cells which allow simultaneous
   reads of the same memory location
◆ High-speed access
   – Commercial: 15/20/25/35/55ns (max.)
   – Industrial: 20/25ns (max.)
◆ Low-power operation
   – IDT70V06S
      Active: 400mW (typ.)
      Standby: 3.3mW (typ.)
   – IDT70V06L
      Active: 380mW (typ.)
      Standby: 660µW (typ.)
◆ IDT70V06 easily expands data bus width to 16 bits or more
   using the Master/Slave select when cascading more than
   one device
◆ M/S = VIH for BUSY output flag on Master
   M/S = VIL for BUSY input on Slave
◆ Interrupt Flag
◆ On-chip port arbitration logic
◆ Full on-chip hardware support of semaphore signaling
   between ports
◆ Fully asynchronous operation from either port
◆ Battery backup operation—2V data retention
◆ TTL-compatible, single 3.3V (±0.3V) power supply
◆ Available in 68-pin PGA and PLCC, and a 64-pin TQFP
◆ Industrial temperature range (-40°C to +85°C) is available
   for selected speeds
◆ Green parts available, see ordering information




Similar Part No. - IDT70V06S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V06S IDT-IDT70V06S Datasheet
682Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S Datasheet
207Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S_15 Datasheet
682Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S_18 Datasheet
207Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
More results


Similar Description - IDT70V06S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S_15 Datasheet
682Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S_18 Datasheet
207Kb / 23P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V06 RENESAS-70V06 Datasheet
305Kb / 24P
HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
Feb.07.20
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com