Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7016S Datasheet (PDF) - Integrated Device Technology

IDT7016S Datasheet PDF - Integrated Device Technology
Part # IDT7016S
Download  IDT7016S Download
File Size   262.75 Kbytes
Page   20 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM

IDT7016S Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7016S Datasheet PDF - Integrated Device Technology

Part # IDT7016S
Download  IDT7016S Click to download

File Size   262.75 Kbytes
Page   20 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM

IDT7016S Datasheet (HTML) - Integrated Device Technology


IDT7016S Product details

Description
The IDT7016 is a high-speed 16K x 9 Dual-Port Static RAM. The IDT7016 is designed to be used as stand-alone Dual-Port RAMs or as a combination MASTER/SLAVE Dual-Port RAM for 18-bit-ormore wider systems. Using the IDT MASTER/SLAVE Dual-Port RAM approach in 18-bit or wider memory system applications results in full-speed, error-free operation without the need for additional discrete logic.

Features
◆ True Dual-Ported memory cells which allow simultaneous reads of the same memory location
◆ High-speed access
   – Commercial:12/15/20/25/35ns (max.)
   – Industrial: 20ns (max.)
   – Military: 20/25/35ns (max.)
◆ Low-power operation
      – IDT7016S
   Active: 750mW (typ.)
   Standby: 5mW (typ.)
      – IDT7016L
   Active: 750mW (typ.)
   Standby: 1mW (typ.)
◆ IDT7016 easily expands data bus width to 18 bits or
   more using the Master/Slave select when cascading
   more than one device
◆ M/S = VIH for BUSY output flag on Master
   M/S = VIL for BUSY input on Slave
◆ Busy and Interrupt Flag
◆ On-chip port arbitration logic
◆ Full on-chip hardware support of semaphore signaling
   between ports
◆ Fully asynchronous operation from either port
◆ TTL-compatible, single 5V (±10%) power supply
◆ Available in ceramic 68-pin PGA, 68-pin PLCC, and an
   80-pin TQFP
◆ Industrial temperature range (–40°C to +85°C) is
   available for selected speeds
◆ Green parts available, see ordering information




Similar Part No. - IDT7016S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S Datasheet
351Kb / 21P
HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S12GG IDT-IDT7016S12GG Datasheet
160Kb / 20P
HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S12GGB IDT-IDT7016S12GGB Datasheet
160Kb / 20P
HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S12GGI IDT-IDT7016S12GGI Datasheet
160Kb / 20P
HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S12JG IDT-IDT7016S12JG Datasheet
160Kb / 20P
HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
More results


Similar Description - IDT7016S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
8K/16K x 9 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com