Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72104 Datasheet (PDF) - Integrated Device Technology

IDT72104 Datasheet PDF - Integrated Device Technology
Part # IDT72104
Download  IDT72104 Download
File Size   314.13 Kbytes
Page   31 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9

IDT72104 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72104 Datasheet PDF - Integrated Device Technology

Part # IDT72104
Download  IDT72104 Click to download

File Size   314.13 Kbytes
Page   31 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9

IDT72104 Datasheet (HTML) - Integrated Device Technology


IDT72104 Product details

DESCRIPTION:

The IDT72103/72104 are high-speed Parallel-Serial FlFOs to be used with high-performance systems for functions such as serial communications, laser printer engine control and local area networks.



FEATURES:

• 35ns parallel port access time, 45ns cycle time

• 50MHz serial input/output frequency

• Serial-to-parallel, parallel-to-serial, serial-to-serial, and parallel-to-parallel operations

• Expandable in both depth and width with no external components

• Flexishift™ — Sets programmable serial word width from 4 bits to any width with no external components

• Multiple flags: Full, Almost-Full (Full-1/8),Full-Minus-One, Empty, Almost-Empty (Empty +  1/8), Empty-Plus One, and Half-Full

• Asynchronous and simultaneous read or write operations

• Dual-Port, zero fall-through time architecture

• Retransmit capability in single-device mode

• Packaged in 44-pin PLCC

• Industrial temperature range (–40oC to +85oC)



APPLICATIONS:

• High-speed data acquisition systems

• Local area network (LAN) buffer

• High-speed modem data buffer

• Remote telemetry data buffer

• FAX raster video data buffer

• Laser printer engine data buffer

• High-speed parallel bus-to-bus communications

• Magnetic media controllers

• Serial link buffer



 




Similar Part No. - IDT72104

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7210 IDT-IDT7210 Datasheet
167Kb / 10P
16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
IDT72105 IDT-IDT72105 Datasheet
179Kb / 12P
CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
IDT72105L25SO IDT-IDT72105L25SO Datasheet
179Kb / 12P
CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
IDT72105L25TP IDT-IDT72105L25TP Datasheet
179Kb / 12P
CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
IDT72105L50SO IDT-IDT72105L50SO Datasheet
179Kb / 12P
CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
More results


Similar Description - IDT72104

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
CMOS 2048 x 9 Asynchronous FIFO
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
CMOS 4096 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
logo
List of Unclassifed Man...
HM63921 ETC-HM63921 Datasheet
17Kb / 2P
2048-word x 9-bit CMOS Parallel In-Out FIFO Memory
logo
Integrated Device Techn...
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
4K x 9 Parallel-to Serial FIFO
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com