Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72251 Datasheet (PDF) - Integrated Device Technology

IDT72251 Datasheet PDF - Integrated Device Technology
Part # IDT72251
Download  IDT72251 Download
File Size   183.64 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS SyncFIFOO 8192 X 9

IDT72251 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72251 Datasheet PDF - Integrated Device Technology

Part # IDT72251
Download  IDT72251 Click to download

File Size   183.64 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS SyncFIFOO 8192 X 9

IDT72251 Datasheet (HTML) - Integrated Device Technology


IDT72251 Product details

DESCRIPTION:
The IDT72421/72201/72211/72221/72231/72241/72251 SyncFIFO™ are very high-speed, low-power First-In, First-Out (FIFO) memories with clocked read and write controls.
   
FEATURES:
• 64 x 9-bit organization (IDT72421)
• 256 x 9-bit organization (IDT72201)
• 512 x 9-bit organization (IDT72211)
• 1,024 x 9-bit organization (IDT72221)
• 2,048 x 9-bit organization (IDT72231)
• 4,096 x 9-bit organization (IDT72241)
• 8,192 x 9-bit organization (IDT72251)
• 10 ns read/write cycle time (excluding the IDT72251)
• Read and Write Clocks can be independent
• Dual-Ported zero fall-through time architecture
• Empty and Full Flags signal FIFO status
• Programmable Almost-Empty and Almost-Full flags can
    be set to any depth
• Programmable Almost-Empty and Almost-Full flags
    default to Empty+7, and Full-7, respectively
• Output enable puts output data bus in high-impedance state
• Advanced submicron CMOS technology
• Available in the 32-pin plastic leaded chip carrier (PLCC)
• All devices, except the 72251, are available in the
    ceramic leadless chip carrier (LCC) and 32-pin Thin
    Quad Flat Pack (TQFP)
• For through-hole product please see the IDT72420/
    72200/72210/72220/72230/72240 data sheet
• Industrial temperature range (–40°C to +85°C) is available
    (plastic packages only)

   




Similar Part No. - IDT72251

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72251 IDT-IDT72251 Datasheet
291Kb / 14P
CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72251 RENESAS-IDT72251 Datasheet
301Kb / 15P
CMOS SyncFIFO™
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72251L10J IDT-IDT72251L10J Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72251L10JI IDT-IDT72251L10JI Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72251L10PF IDT-IDT72251L10PF Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
More results


Similar Description - IDT72251

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Sharp Corporation
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
CMOS 8192 x 9 Asynchronous FIFO
logo
Fairchild Semiconductor
NMC27C64 FAIRCHILD-NMC27C64 Datasheet
82Kb / 10P
65,536-Bit (8192 x 8) CMOS EPROM
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
NEC
UPD4364 NEC-UPD4364 Datasheet
307Kb / 6P
8192 X 8 BIT STATIC CMOS RAM
logo
National Semiconductor ...
MM5298 NSC-MM5298 Datasheet
381Kb / 6P
8192-BIT (8192 X 1) DYNAMIC RAM
logo
Fairchild Semiconductor
NM27C64 FAIRCHILD-NM27C64 Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
logo
Integrated Device Techn...
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com