Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72251 Datasheet (PDF) - Renesas Technology Corp

IDT72251 Datasheet PDF - Renesas Technology Corp
Part # IDT72251
Download  IDT72251 Download
File Size   301.08 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS SyncFIFO™

IDT72251 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72251 Datasheet PDF - Renesas Technology Corp

Part # IDT72251
Download  IDT72251 Click to download

File Size   301.08 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS SyncFIFO™

IDT72251 Datasheet (HTML) - Renesas Technology Corp


IDT72251 Product details

FEATURES:
• 64 x 9-bit organization (IDT72421)
• 256 x 9-bit organization (IDT72201)
• 512 x 9-bit organization (IDT72211)
• 1,024 x 9-bit organization (IDT72221)
• 2,048 x 9-bit organization (IDT72231)
• 4,096 x 9-bit organization (IDT72241)
• 8,192 x 9-bit organization (IDT72251)
• 10 ns read/write cycle time
• Read and Write Clocks can be independent
• Dual-Ported zero fall-through time architecture
• Empty and Full Flags signal FIFO status
• Programmable Almost-Empty and Almost-Full flags can be set
to any depth
• Programmable Almost-Empty and Almost-Full flags default to
Empty+7, and Full-7, respectively
• Output enable puts output data bus in high-impedance state
• Advanced submicron CMOS technology
• Available in the 32-pin plastic leaded chip carrier (PLCC) and
32-pin Thin Quad Flat Pack (TQFP)
• For through-hole product please see the IDT72420/72200/72210/
72220/72230/72240 data sheet
• Industrial temperature range (–40°C to +85°C) is available
• Green parts available, see ordering information




Similar Part No. - IDT72251

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72251 IDT-IDT72251 Datasheet
183Kb / 17P
CMOS SyncFIFOO 8192 X 9
IDT72251 IDT-IDT72251 Datasheet
291Kb / 14P
CMOS SyncFIFO
IDT72251L10J IDT-IDT72251L10J Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72251L10JI IDT-IDT72251L10JI Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72251L10PF IDT-IDT72251L10PF Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
More results


Similar Description - IDT72251

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
DUAL CMOS SyncFIFO
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
CMOS SyncFIFO
IDT72205LB IDT-IDT72205LB_13 Datasheet
338Kb / 16P
CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
3.3 VOLT CMOS SyncFIFO™
MARCH 2018
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
CMOS SyncFIFO™
FEBRUARY 2018
IDT72801 RENESAS-IDT72801 Datasheet
323Kb / 17P
DUAL CMOS SyncFIFO™
FEBRUARY 2018
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
CMOS DUAL SyncFIFO™
MARCH 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com