Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7134LA35JB Datasheet (PDF) - Integrated Device Technology

IDT7134LA35JB Datasheet PDF - Integrated Device Technology
Part # IDT7134LA35JB
Download  IDT7134LA35JB Download
File Size   110.68 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM

IDT7134LA35JB Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7134LA35JB Datasheet PDF - Integrated Device Technology

Part # IDT7134LA35JB
Download  IDT7134LA35JB Click to download

File Size   110.68 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM

IDT7134LA35JB Datasheet (HTML) - Integrated Device Technology


IDT7134LA35JB Product details

DESCRIPTION:

The IDT7134 is a high-speed 4K x 8 Dual-Port Static RAM designed to be used in systems where on-chip hardware port arbitration is not needed. This part lends itself to those systems which cannot tolerate wait states or are designed to be able to externally arbitrate or withstand contention when both sides simultaneously access the same Dual-Port RAM location.

The IDT7134 provides two independent ports with separate control, address, and I/O pins that permit independent, asynchronous access for reads or writes to any location in memory. It is the user’s responsibility to ensure data integrity when simultaneously accessing the same memory location from both ports. An automatic power down feature, controlled by CE, permits the on-chip circuitry of each port to enter a very low standby power mode.

Fabricated using IDT’s CMOS high-performance technology, these Dual-Port typically on only 500mW of power. Low-power (LA) versions offer battery backup data retention capability, with each port typically consuming 200µW from a 2V battery.

The IDT7134 is packaged on either a sidebraze or plastic 48-pin DIP, 48-pin LCC, 52-pin PLCC and 48-pin Ceramic Flatpack. Military grade product is manufactured in compliance with the latest revision of MIL-STD-883, Class B, making it ideally suited to military temperature applications demanding the highest level of performance and reliability.



FEATURES:

• High-speed access

   — Military: 25/35/45/55/70ns (max.)

   — Commercial: 20/25/35/45/55/70ns (max.)

• Low-power operation

   — IDT7134SA

      Active: 500mW (typ.)

      Standby: 5mW (typ.)

   — IDT7134LA

      Active: 500mW (typ.)

      Standby: 1mW (typ.)

• Fully asynchronous operation from either port

• Battery backup operation—2V data retention

• TTL-compatible; single 5V (±10%) power supply

• Available in several popular hermetic and plastic packages

• Military product compliant to MIL-STD-883, Class B

• Industrial temperature range (–40°C to +85°C) is available, tested to military electrical specifications



 




Similar Part No. - IDT7134LA35JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7134LA35JB IDT-IDT7134LA35JB Datasheet
148Kb / 11P
HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
More results


Similar Description - IDT7134LA35JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA Datasheet
144Kb / 13P
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_05 Datasheet
132Kb / 14P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71342SA RENESAS-71342SA Datasheet
389Kb / 16P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
JULY 2019
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com