Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT71256S100L Datasheet (PDF) - Integrated Device Technology

IDT71256S100L Datasheet PDF - Integrated Device Technology
Part # IDT71256S100L
Download  IDT71256S100L Download
File Size   78.12 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 256K (32K x 8-BIT)

IDT71256S100L Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT71256S100L Datasheet PDF - Integrated Device Technology

Part # IDT71256S100L
Download  IDT71256S100L Click to download

File Size   78.12 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 256K (32K x 8-BIT)

IDT71256S100L Datasheet (HTML) - Integrated Device Technology


IDT71256S100L Product details

DESCRIPTION:

The IDT71256 is a 262,144-bit high-speed static RAM organized as 32K x 8. It is fabricated using IDT’s high

performance, high-reliability CMOS technology.



FEATURES:

• High-speed address/chip select time

    — Military: 25/30/35/45/55/70/85/100/120/150ns (max.)

    — Commercial: 20/25/35/45ns (max.) Low Power only.

• Low-power operation

• Battery Backup operation — 2V data retention

• Produced with advanced high-performance CMOS technology

• Input and output directly TTL-compatible

• Available in standard 28-pin (300 or 600 mil) ceramic DIP, 28-pin (600 mil) plastic DIP, 28-pin (300 mil) SOJ and 32-pin LCC

• Military product compliant to MIL-STD-883, Class B




Similar Part No. - IDT71256S100L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT71256S ETC2-IDT71256S Datasheet
108Kb / 10P
CMOS Static RAM 256K (32K x 8-Bit)
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA IDT-IDT71256SA Datasheet
260Kb / 8P
CMOS Static RAM 256K (32K x 8-Bit) Low power consumption via chip deselect
IDT71256SA IDT-IDT71256SA Datasheet
69Kb / 8P
CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA12PZ IDT-IDT71256SA12PZ Datasheet
61Kb / 8P
CMOS STATIC RAM 256K (32K x 8-BIT)
More results


Similar Description - IDT71256S100L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA70 IDT-IDT71256SA70 Datasheet
62Kb / 6P
CMOS STATIC RAM 256K (32K x 8-BIT)
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
CMOS 256K (32K X 8) STATIC RAM
logo
Integrated Device Techn...
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA20PZI IDT-IDT71256SA20PZI Datasheet
260Kb / 8P
CMOS Static RAM 256K (32K x 8-Bit)
71256SA20TPG IDT-71256SA20TPG Datasheet
260Kb / 8P
CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
CMOS Static RAM 256K (32K x 8-Bit)
logo
Integrated Device Techn...
IDT71256S IDT-IDT71256S_14 Datasheet
84Kb / 10P
CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com