Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT827A Datasheet (PDF) - Integrated Device Technology

IDT74FCT827A Datasheet PDF - Integrated Device Technology
Part # IDT74FCT827A
Download  IDT74FCT827A Download
File Size   111.98 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-PERFORMANCE CMOS BUFFERS

IDT74FCT827A Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT827A Datasheet PDF - Integrated Device Technology

Part # IDT74FCT827A
Download  IDT74FCT827A Click to download

File Size   111.98 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-PERFORMANCE CMOS BUFFERS

IDT74FCT827A Datasheet (HTML) - Integrated Device Technology


IDT74FCT827A Product details

DESCRIPTION:
The IDT54/74FCT800 series is built using an advanced dual metal CMOS technology.
The IDT54/74FCT827A/B/C 10-bit bus drivers provide high-performance bus interface buffering for wide data/ address paths or buses carrying parity. The 10-bit buffers have NAND-ed output enables for maximum control flexibility.
All of the IDT54/74FCT800 high-performance interface family are designed for high-capacitance load drive capability, while providing low-capacitance bus loading at both inputs and outputs. All inputs have clamp diodes and all outputs are designed for low-capacitance bus loading in high-impedance state.

FEATURES:
• Faster than AMD’s Am29827 series
• Equivalent to AMD’s Am29827 bipolar buffers in pinout/function, speed and output drive over full temperature and voltage supply extremes
• IDT54/74FCT827A equivalent to FAST
• IDT54/74FCT827B 35% faster than FAST
• IDT54/74FCT827C 45% faster than FAST
• IOL = 48mA (commercial), and 32mA (military)
• Clamp diodes on all inputs for ringing suppression
• CMOS power levels (1mW typ. static)
• TTL input and output level compatible
• CMOS output level compatible
• Substantially lower input current levels than AMD’s bipolar Am29800 series (5µA max.)
• Product available in Radiation Tolerant and Radiation Enhanced versions
• Military product compliant to MIL-STD-883, Class B




Similar Part No. - IDT74FCT827A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT827AT IDT-IDT74FCT827AT Datasheet
127Kb / 7P
FAST CMOS 10-BIT BUFFERS
IDT74FCT827ATD IDT-IDT74FCT827ATD Datasheet
127Kb / 7P
FAST CMOS 10-BIT BUFFERS
IDT74FCT827ATDB IDT-IDT74FCT827ATDB Datasheet
127Kb / 7P
FAST CMOS 10-BIT BUFFERS
IDT74FCT827ATE IDT-IDT74FCT827ATE Datasheet
127Kb / 7P
FAST CMOS 10-BIT BUFFERS
IDT74FCT827ATEB IDT-IDT74FCT827ATEB Datasheet
127Kb / 7P
FAST CMOS 10-BIT BUFFERS
More results


Similar Description - IDT74FCT827A

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT126 SLS-SL74HCT126 Datasheet
44Kb / 5P
Quad 3-State Noninverting Buffers(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HC125A INTEGRAL-IN74HC125A Datasheet
88Kb / 5P
Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
logo
STMicroelectronics
74LVC244A STMICROELECTRONICS-74LVC244A Datasheet
175Kb / 9P
LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
Feb-2002
logo
List of Unclassifed Man...
AD5424 ETC1-AD5424 Datasheet
88Kb / 5P
Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
logo
STMicroelectronics
74LVC125A STMICROELECTRONICS-74LVC125A Datasheet
76Kb / 9P
LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
Feb-2002
logo
KODENSHI_AUK CORP.
KK74HCT125A KODENSHI-KK74HCT125A Datasheet
504Kb / 6P
Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
KK74HCT126A KODENSHI-KK74HCT126A Datasheet
212Kb / 6P
Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
logo
STMicroelectronics
74LVC125A STMICROELECTRONICS-74LVC125A_04 Datasheet
239Kb / 12P
LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
26-Jul-2004
logo
IK Semicon Co., Ltd
IN74HCT125A IKSEMICON-IN74HCT125A Datasheet
199Kb / 6P
Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
IN74HCT126A IKSEMICON-IN74HCT126A Datasheet
199Kb / 6P
Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com