Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT827AT Datasheet (PDF) - Integrated Device Technology

IDT74FCT827AT Datasheet PDF - Integrated Device Technology
Part # IDT74FCT827AT
Download  IDT74FCT827AT Download
File Size   127.56 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS 10-BIT BUFFERS

IDT74FCT827AT Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT827AT Datasheet PDF - Integrated Device Technology

Part # IDT74FCT827AT
Download  IDT74FCT827AT Click to download

File Size   127.56 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS 10-BIT BUFFERS

IDT74FCT827AT Datasheet (HTML) - Integrated Device Technology


IDT74FCT827AT Product details

DESCRIPTION:
The FCT827T is built using an advanced dual metal CMOStechnology.
The FCT827T/FCT2827T 10-bit bus drivers provide high performance bus interface buffering for wide data/address paths or buses carrying parity. The 10-bit buffers have NAND ed output enables for maximum control flexibility. All of the FCT827T high-performance interface family are
designed for high-capacitance load drive capability, while providing low-capacitance bus loading at both inputs and outputs. All inputs have clamp diodes to ground and all outputs are designed for low-capacitance bus loading in high-impedance state.

FEATURES:
• Common features:
   – Low input and output leakage ≤1µA (max.)
   – CMOS power levels
   – True TTL input and output compatibility
   – VOH = 3.3V (typ.)
   – VOL = 0.3V (typ.)
   – Meets or exceeds JEDEC standard 18 specifications
   – Product available in Radiation Tolerant and Radiation Enhanced versions
   – Military product compliant to MIL-STD-883, Class B and DESC listed (dual marked)
   – Available in DIP, SOIC, SSOP, QSOP, CERPACK and LCC packages
• Features for FCT827T:
   – A, B, C and D speed grades
   – High drive outputs (-15mA IOH, 48mA IOL)
• Features for FCT2827T:
   – A, B and C speed grades
   – Resistor outputs (-15mA IOH, 12mA IOL Com.)
                                 (-12mA IOH, 12mA IOL Mil.)
   – Reduced system switching noise




Similar Part No. - IDT74FCT827AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT827A IDT-IDT74FCT827A Datasheet
111Kb / 7P
HIGH-PERFORMANCE CMOS BUFFERS
IDT74FCT827AD IDT-IDT74FCT827AD Datasheet
111Kb / 7P
HIGH-PERFORMANCE CMOS BUFFERS
IDT74FCT827ADB IDT-IDT74FCT827ADB Datasheet
111Kb / 7P
HIGH-PERFORMANCE CMOS BUFFERS
IDT74FCT827AE IDT-IDT74FCT827AE Datasheet
111Kb / 7P
HIGH-PERFORMANCE CMOS BUFFERS
IDT74FCT827AEB IDT-IDT74FCT827AEB Datasheet
111Kb / 7P
HIGH-PERFORMANCE CMOS BUFFERS
More results


Similar Description - IDT74FCT827AT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F827SDM NSC-54F827SDM Datasheet
164Kb / 8P
10-Bit Buffers/Line Drivers
logo
Fairchild Semiconductor
74F827 FAIRCHILD-74F827 Datasheet
66Kb / 7P
10-Bit Buffers/Line Drivers
logo
Integrated Device Techn...
IDT74FCT16827AT IDT-IDT74FCT16827AT Datasheet
120Kb / 8P
FAST CMOS 20-BIT BUFFERS
IDT74FCT3827A IDT-IDT74FCT3827A Datasheet
102Kb / 7P
3.3V CMOS 10-BIT BUFFERS
logo
Pericom Semiconductor C...
PI74FCT827T PERICOM-PI74FCT827T Datasheet
105Kb / 5P
Fast CMOS 10-Bit Buffers
logo
Recom International Pow...
PI74LPT16827 RECOM-PI74LPT16827 Datasheet
49Kb / 5P
Fast CMOS 3.3V 20-Bit Buffers
logo
Pericom Semiconductor C...
PI74FCT16827 PERICOM-PI74FCT16827 Datasheet
65Kb / 7P
Fast CMOS 20-Bit Buffers
logo
List of Unclassifed Man...
QS5244 ETC1-QS5244 Datasheet
227Kb / 4P
LOW SKEW CMOS 8-BIT BUFFERS / LINE DRIVERS
logo
Pericom Semiconductor C...
PI74LCX827 PERICOM-PI74LCX827 Datasheet
152Kb / 7P
Fast CMOS 3.3V 10-Bit Buffers
logo
Texas Instruments
CY74FCT827ATSOCTE4 TI1-CY74FCT827ATSOCTE4 Datasheet
289Kb / 11P
10-BIT BUFFERS WITH 3-STATE OUTPUTS
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com