Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LCX827 Datasheet (PDF) - Pericom Semiconductor Corporation

PI74LCX827 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74LCX827
Download  PI74LCX827 Download
File Size   152.04 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 3.3V 10-Bit Buffers

PI74LCX827 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74LCX827 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74LCX827
Download  PI74LCX827 Click to download

File Size   152.04 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 3.3V 10-Bit Buffers

PI74LCX827 Datasheet (HTML) - Pericom Semiconductor Corporation


PI74LCX827 Product details

Product Description
Pericom Semiconductor’s PI74LCX series of logic circuits are produced in the Company’s advanced 0.6 micron CMOS technology, achieving industry leading speed grades.

Product Features
• Functionally compatible with FCT3, LVT, and 74 series 827 families of products
• Tri-State outputs
• 5V Tolerant inputs and outputs
• 2.0V-3.6V VCC supply operation
• Balanced sink and source output drives (24 mA)
• Low ground bounce outputs
• Supports live insertion
• ESD Protection exceeds 2000V, Human Body Model 200V, Machine Model
• Packages available:
    – 24-pin 209-mil wide plastic SSOP (H)
    – 24-pin 173-mil wide plastic TSSOP (L)
    – 24-pin 150-mil wide plastic QSOP (Q)
    – 24-pin 300-mil wide plastic SOIC (S)




Similar Part No. - PI74LCX827

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244A PERICOM-PI74LCX16244A Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244V PERICOM-PI74LCX16244V Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16245 PERICOM-PI74LCX16245 Datasheet
191Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
More results


Similar Description - PI74LCX827

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16827AT IDT-IDT74FCT16827AT Datasheet
120Kb / 8P
FAST CMOS 20-BIT BUFFERS
IDT74FCT3827A IDT-IDT74FCT3827A Datasheet
102Kb / 7P
3.3V CMOS 10-BIT BUFFERS
IDT74FCT827AT IDT-IDT74FCT827AT Datasheet
127Kb / 7P
FAST CMOS 10-BIT BUFFERS
logo
Pericom Semiconductor C...
PI74FCT827T PERICOM-PI74FCT827T Datasheet
105Kb / 5P
Fast CMOS 10-Bit Buffers
PI74FCT3245 PERICOM-PI74FCT3245 Datasheet
44Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LPT245 PERICOM-PI74LPT245 Datasheet
61Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
logo
Recom International Pow...
PI74LPT16827 RECOM-PI74LPT16827 Datasheet
49Kb / 5P
Fast CMOS 3.3V 20-Bit Buffers
logo
Pericom Semiconductor C...
PI74LPT573 PERICOM-PI74LPT573 Datasheet
40Kb / 4P
Fast CMOS 3.3V 8-Bit Transparent Latch
PI74FCT16827 PERICOM-PI74FCT16827 Datasheet
65Kb / 7P
Fast CMOS 20-Bit Buffers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
Fast CMOS 3.3V 16-Bit Registered Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com