Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT273AE Datasheet (PDF) - Integrated Device Technology

IDT74FCT273AE Datasheet PDF - Integrated Device Technology
Part # IDT74FCT273AE
Download  IDT74FCT273AE Download
File Size   60.63 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL FLIP-FLOP WITH MASTER RESET

IDT74FCT273AE Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT273AE Datasheet PDF - Integrated Device Technology

Part # IDT74FCT273AE
Download  IDT74FCT273AE Click to download

File Size   60.63 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL FLIP-FLOP WITH MASTER RESET

IDT74FCT273AE Datasheet (HTML) - Integrated Device Technology


IDT74FCT273AE Product details

DESCRIPTION:
The IDT54/74FCT273/A/C are octal D flip-flops built using an advanced dual metal CMOS technology. The IDT54/ 74FCT273/A/C have eight edge-triggered D-type flip-flops with individual D inputs and O outputs.

FEATURES:
• IDT54/74FCT273 equivalent to FAST speed;
• IDT54/74FCT273A 45% faster than FAST
• IDT54/74FCT273C 55% faster than FAST
• Equivalent to FAST output drive over full temperature and voltage supply extremes
• IOL = 48mA (commercial) and 32mA (military)
• CMOS power levels (1mW typ. static)
• TTL input and output level compatible
• CMOS output level compatible
• Substantially lower input current levels than FAST (5µA max.)
• Octal D flip-flop with Master Reset
• JEDEC standard pinout for DIP and LCC
• Product available in Radiation Tolerant and Radiation Enhanced versions
• Military product compliant to MIL-STD-883, Class B




Similar Part No. - IDT74FCT273AE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT273AT IDT-IDT74FCT273AT Datasheet
109Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
IDT74FCT273ATD IDT-IDT74FCT273ATD Datasheet
109Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
IDT74FCT273ATDB IDT-IDT74FCT273ATDB Datasheet
109Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
IDT74FCT273ATE IDT-IDT74FCT273ATE Datasheet
109Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
IDT74FCT273ATEB IDT-IDT74FCT273ATEB Datasheet
109Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
More results


Similar Description - IDT74FCT273AE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F174DM NSC-54F174DM Datasheet
166Kb / 8P
Hex D Flip-Flop with Master Reset
logo
ON Semiconductor
MC74AC175 ONSEMI-MC74AC175 Datasheet
178Kb / 6P
QUAD D FLIP-FLOP WITH MASTER RESET
logo
Integrated Device Techn...
IDT74FCT273T IDT-IDT74FCT273T Datasheet
109Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
logo
Pericom Semiconductor C...
P174FCT2273T PERICOM-P174FCT2273T Datasheet
49Kb / 4P
Fast CMOS Octal D Flip-Flop with Master Reset
PI74FCT273T PERICOM-PI74FCT273T Datasheet
148Kb / 6P
Fast CMOS Octal D Flip-Flop with Master Reset
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
Hex D Flip-flop with Master Reset
logo
Integrated Device Techn...
7028L20PFI IDT-7028L20PFI Datasheet
81Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT244P IDT-74FCT244P Datasheet
81Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74ALVCH245PG IDT-74ALVCH245PG Datasheet
81Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT521CTQG IDT-74FCT521CTQG Datasheet
81Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com