Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT861B Datasheet (PDF) - Integrated Device Technology

IDT74FCT861B Datasheet PDF - Integrated Device Technology
Part # IDT74FCT861B
Download  IDT74FCT861B Download
File Size   90.15 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-PERFORMANCE CMOS BUS TRANSCEIVERS

IDT74FCT861B Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT861B Datasheet PDF - Integrated Device Technology

Part # IDT74FCT861B
Download  IDT74FCT861B Click to download

File Size   90.15 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-PERFORMANCE CMOS BUS TRANSCEIVERS

IDT74FCT861B Datasheet (HTML) - Integrated Device Technology


IDT74FCT861B Product details

DESCRIPTION:
The IDT54/74FCT800 series is built using an advanced dual metal CMOS technology.
The IDT54/74FCT860 series bus transceivers provide high-performance bus interface buffering for wide data/address paths or buses carrying parity. The IDT54/74FCT863 9-bit transceivers have NAND-ed output enables for maximum control flexibility.

FEATURES:
• Equivalent to AMD’s Am29861-64 bipolar registers in pinout/function, speed and output drive over full temperature and voltage supply extremes
• IDT54/74FCT861A/863A equivalent to FAST speed
• IDT54/74FCT861B/863B 25% faster than FAST
• High-speed symmetrical bidirectional transceivers
• IOL = 48mA (commercial) and 32mA (military)
• Clamp diodes on all inputs for ringing suppression
• CMOS power levels (1mW typ. static)
• TTL input and output level compatible
• CMOS output level compatible
• Substantially lower input current levels than AMD’s bipolar Am29800 Series (5µA max.)
• Product available in Radiation Tolerant and Radiation Enhanced versions
• Military product compliant to MIL-STD-883, Class B




Similar Part No. - IDT74FCT861B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT863 IDT-IDT74FCT863 Datasheet
75Kb / 6P
HIGH-PERFORMANCE CMOS 9-BIT NON-INVERTING TRANSCEIVER
IDT74FCT863A IDT-IDT74FCT863A Datasheet
75Kb / 6P
HIGH-PERFORMANCE CMOS 9-BIT NON-INVERTING TRANSCEIVER
IDT74FCT863ASO IDT-IDT74FCT863ASO Datasheet
75Kb / 6P
HIGH-PERFORMANCE CMOS 9-BIT NON-INVERTING TRANSCEIVER
IDT74FCT863B IDT-IDT74FCT863B Datasheet
75Kb / 6P
HIGH-PERFORMANCE CMOS 9-BIT NON-INVERTING TRANSCEIVER
IDT74FCT863BSO IDT-IDT74FCT863BSO Datasheet
75Kb / 6P
HIGH-PERFORMANCE CMOS 9-BIT NON-INVERTING TRANSCEIVER
More results


Similar Description - IDT74FCT861B

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC651 SLS-SL74HC651 Datasheet
79Kb / 9P
Octal 3-State Bus Transceivers and D Flip-Flops(High-Performance Silicon-Gate CMOS)
logo
Integrated Device Techn...
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT841A IDT-IDT74FCT841A Datasheet
140Kb / 7P
HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
logo
Pericom Semiconductor C...
PI74FCT861T PERICOM-PI74FCT861T Datasheet
61Kb / 6P
Fast CMOS Bus Transceivers
logo
Integrated Device Techn...
IDT54FCT823 IDT-IDT54FCT823 Datasheet
89Kb / 7P
HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT821A IDT-IDT54FCT821A Datasheet
77Kb / 7P
HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
logo
List of Unclassifed Man...
AM29861 ETC1-AM29861 Datasheet
293Kb / 7P
High Performance Bus Transceivers
logo
Integrated Device Techn...
IDT74FCT823AT IDT-IDT74FCT823AT_06 Datasheet
78Kb / 7P
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
logo
Renesas Technology Corp
IDT74FCT823AT RENESAS-IDT74FCT823AT Datasheet
678Kb / 8P
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
February 19, 2009
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com