Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FST3125 Datasheet (PDF) - Integrated Device Technology

IDT74FST3125 Datasheet PDF - Integrated Device Technology
Part # IDT74FST3125
Download  IDT74FST3125 Download
File Size   73.33 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 4-BIT BUS SWITCH

IDT74FST3125 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FST3125 Datasheet PDF - Integrated Device Technology

Part # IDT74FST3125
Download  IDT74FST3125 Click to download

File Size   73.33 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 4-BIT BUS SWITCH

IDT74FST3125 Datasheet (HTML) - Integrated Device Technology


IDT74FST3125 Product details

DESCRIPTION:
The FST3125 belong to IDTs family of Bus switches. Bus switch devices perform the function of connecting or isolating two ports without providing any inherent current sink or source capability. Thus they generate little or no noise of their own while providing a low resistance path for an external driver. These devices connect input and output ports through an nchannel FET. When the gate-to-source junction of this FET is adequately forward-biased the device conducts and the resistance between input and output ports is small. Without adequate bias on the gate-to-source junction of the FET, the FET is turned off, therefore with no VCC applied, the device has hot insertion capability.

FEATURES:
• Bus switches provide zero delay paths
• Extended commercial range of –40°C to +85°C
• Low switch on-resistance:
   FST3xxx – 5Ω
• TTL-compatible input and output levels
• ESD > 2000V per MIL-STD-883, Method 3015;
   > 200V using machine model (C = 200pF, R = 0)
• Available in QSOP and SOIC




Similar Part No. - IDT74FST3125

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
QUAD 2:1 MUX/DEMUX BUS SWITCH
IDT74FST3257Q IDT-IDT74FST3257Q Datasheet
146Kb / 5P
QUAD 2:1 MUX/DEMUX BUS SWITCH
IDT74FST3257SO IDT-IDT74FST3257SO Datasheet
146Kb / 5P
QUAD 2:1 MUX/DEMUX BUS SWITCH
More results


Similar Description - IDT74FST3125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3126 ONSEMI-74FST3126 Datasheet
80Kb / 8P
4-Bit Bus Switch
August, 2001 ??Rev. 0
74FST3125 ONSEMI-74FST3125 Datasheet
99Kb / 8P
4-Bit Bus Switch
January, 2005 ??Rev. 2
logo
Fairchild Semiconductor
FST3126 FAIRCHILD-FST3126_05 Datasheet
119Kb / 5P
4-Bit Bus Switch
FST3125 FAIRCHILD-FST3125_08 Datasheet
445Kb / 9P
4-Bit Bus Switch
FST3126MX FAIRCHILD-FST3126MX Datasheet
121Kb / 6P
4-Bit Bus Switch
logo
NXP Semiconductors
74CBTLV3125 PHILIPS-74CBTLV3125_15 Datasheet
163Kb / 17P
4-bit bus switch
Rev. 3-15 December 2011
74CBTLV3126 PHILIPS-74CBTLV3126_15 Datasheet
162Kb / 17P
4-bit bus switch
Rev. 3-15 December 2011
logo
ON Semiconductor
FST3125 ONSEMI-FST3125 Datasheet
124Kb / 7P
4-Bit Bus Switch
June, 2013 ??Rev. 0
74FST3126 ONSEMI-74FST3126_13 Datasheet
126Kb / 7P
4-Bit Bus Switch
July, 2013 ??Rev. P1
FST3126 ONSEMI-FST3126_17 Datasheet
83Kb / 7P
4-Bit Bus Switch
December, 2017 ??Rev. 0
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com