Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FST3125 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FST3125
Description  4-BIT BUS SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FST3125 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FST3125 Datasheet HTML 1Page - Integrated Device Technology IDT74FST3125 Datasheet HTML 2Page - Integrated Device Technology IDT74FST3125 Datasheet HTML 3Page - Integrated Device Technology IDT74FST3125 Datasheet HTML 4Page - Integrated Device Technology IDT74FST3125 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Bus switches provide zero delay paths
• Extended commercial range of –40
°C to +85°C
• Low switch on-resistance:
FST3xxx – 5
Ω
• TTL-compatible input and output levels
• ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
• Available in QSOP and SOIC
COMMERCIAL TEMPERATURE RANGE
AUGUST 1996
©1996 Integrated Device Technology, Inc.
DSC-4668/-
1
IDT74FST3125
4-BIT BUS SWITCH
capability. Thus they generate little or no noise of their own
while providing a low resistance path for an external driver.
These devices connect input and output ports through an n-
channel FET. When the gate-to-source junction of this FET is
adequately forward-biased the device conducts and the resis-
tance between input and output ports is small.
Without
adequate bias on the gate-to-source junction of the FET, the
FET is turned off, therefore with no VCC applied, the device
has hot insertion capability.
The low on-resistance and simplicity of the connection
between input and output ports reduces the delay in this path
to close to zero.
The FST3125 is a 4-bit TTL-compatible bus switch. The
xOE pins provide individual enable control for each of the four
bits.
DESCRIPTION:
The FST3125 belong to IDT's family of Bus switches. Bus
switch devices perform the function of connecting or isolating
two ports without providing any inherent current sink or source
1A
1Y
2A
2Y
3Y
4Y
3A
4A
4OE
2OE
1OE
3OE
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
PIN DESCRIPTION
3471 drw 01
3471 drw 02
3471 tbl 01
Pin Names
I/O
Description
1A-4A
I/O
Bus A
1Y-4Y
I/O
Bus B
NC
—
No Connect
1
OE, 4OE
I
Bus Switch Enable (Active LOW)
Integrated Device Technology, Inc.
5
6
7
8
1
2
3
4
14
13
12
11
10
9
1A
1Y
NC
2A
2Y
GND
4A
4Y
3A
3Y
NC
Vcc
1OE
SO16-1
SO16-7
15
16
2OE
3OE
4OE
SOIC/QSOP
TOP VIEW


Similar Part No. - IDT74FST3125

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
QUAD 2:1 MUX/DEMUX BUS SWITCH
IDT74FST3257Q IDT-IDT74FST3257Q Datasheet
146Kb / 5P
QUAD 2:1 MUX/DEMUX BUS SWITCH
IDT74FST3257SO IDT-IDT74FST3257SO Datasheet
146Kb / 5P
QUAD 2:1 MUX/DEMUX BUS SWITCH
More results

Similar Description - IDT74FST3125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3126 ONSEMI-74FST3126 Datasheet
80Kb / 8P
4-Bit Bus Switch
August, 2001 ??Rev. 0
74FST3125 ONSEMI-74FST3125 Datasheet
99Kb / 8P
4-Bit Bus Switch
January, 2005 ??Rev. 2
logo
Fairchild Semiconductor
FST3126 FAIRCHILD-FST3126_05 Datasheet
119Kb / 5P
4-Bit Bus Switch
FST3125 FAIRCHILD-FST3125_08 Datasheet
445Kb / 9P
4-Bit Bus Switch
FST3126MX FAIRCHILD-FST3126MX Datasheet
121Kb / 6P
4-Bit Bus Switch
logo
NXP Semiconductors
74CBTLV3125 PHILIPS-74CBTLV3125_15 Datasheet
163Kb / 17P
4-bit bus switch
Rev. 3-15 December 2011
74CBTLV3126 PHILIPS-74CBTLV3126_15 Datasheet
162Kb / 17P
4-bit bus switch
Rev. 3-15 December 2011
logo
ON Semiconductor
FST3125 ONSEMI-FST3125 Datasheet
124Kb / 7P
4-Bit Bus Switch
June, 2013 ??Rev. 0
74FST3126 ONSEMI-74FST3126_13 Datasheet
126Kb / 7P
4-Bit Bus Switch
July, 2013 ??Rev. P1
FST3126 ONSEMI-FST3126_17 Datasheet
83Kb / 7P
4-Bit Bus Switch
December, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com