Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND5T050AK-E Datasheet (PDF) - STMicroelectronics

VND5T050AK-E Datasheet PDF - STMicroelectronics
Part # VND5T050AK-E
Download  VND5T050AK-E Download
File Size   1827.1 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description for car body applications

VND5T050AK-E Datasheet (PDF)

Go To PDF Page Download Datasheet
VND5T050AK-E Datasheet PDF - STMicroelectronics

Part # VND5T050AK-E
Download  VND5T050AK-E Click to download

File Size   1827.1 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description for car body applications

VND5T050AK-E Datasheet (HTML) - STMicroelectronics


VND5T050AK-E Product details

Description
The L5958 includes 6 linear voltage regulators and a 2 A power switch, working down to 4.5 V battery level. All the voltage regulators can be switched off through the three enable pins.

Features
■ L5958 six outputs:
    – 8.5 V @ 200 mA
    – 5.0 V @ 300 mA
    – 3.3 V @ 250 mA
    – 1.8 V @ 350 mA
    – 3.3 V @ 100 mA standby
    – 1.8 V @ 100 mA standby
■ 2 A high side driver
■ Reset function
■ VDD core reset function
■ Battery audio warning
■ Battery can warning
■ Ignition comparator
■ Load dump protection
■ Thermal shutdown
■ Overcurrent limitation
■ All pin ESD protected




Similar Part No. - VND5T050AK-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5T050AK-E STMICROELECTRONICS-VND5T050AK-E Datasheet
772Kb / 32P
Double channel high-side driver with analog current sense
18-Sep-2013
VND5T050AK-E STMICROELECTRONICS-VND5T050AK-E Datasheet
772Kb / 32P
Double channel high-side driver with analog current sense for 24 V automotive applications
VND5T050AK-E STMICROELECTRONICS-VND5T050AK-E Datasheet
943Kb / 31P
Double channel high-side driver with analog current sense for 24 V automotive applications
17-May-2022
VND5T050AK-E STMICROELECTRONICS-VND5T050AK-E_V01 Datasheet
943Kb / 31P
Double channel high-side driver with analog current sense for 24 V automotive applications
17-May-2022
More results


Similar Description - VND5T050AK-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4952 STMICROELECTRONICS-L4952 Datasheet
84Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
TDA7511 STMICROELECTRONICS-TDA7511 Datasheet
792Kb / 41P
AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
Nov-2001
TDA7519 STMICROELECTRONICS-TDA7519 Datasheet
94Kb / 7P
MULTICHIP MODULE FOR CAR-RADIO APPLICATIONS
27-Nov-2006
TDA7518 STMICROELECTRONICS-TDA7518 Datasheet
124Kb / 8P
MULTICHIP MODULE FOR CAR-RADIO APPLICATIONS
Oct-2004
TDA7410ND STMICROELECTRONICS-TDA7410ND Datasheet
416Kb / 34P
Signal processor for car radio applications
28-Feb-2007
ST26025A STMICROELECTRONICS-ST26025A Datasheet
1Mb / 18P
Smart power solutions for car body applications
Sep-2011
VN1160-1-E STMICROELECTRONICS-VN1160-1-E Datasheet
1Mb / 18P
Smart power solutions for car body applications
Sep-2011
VN1160TR-E STMICROELECTRONICS-VN1160TR-E Datasheet
1Mb / 18P
Smart power solutions for car body applications
Sep-2011
L4952D STMICROELECTRONICS-L4952D Datasheet
167Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
VN1160C-1-E STMICROELECTRONICS-VN1160C-1-E Datasheet
1Mb / 22P
Smart power solutions for car body applications
Oct-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com