Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7M1002 Datasheet (PDF) - Integrated Device Technology

IDT7M1002 Datasheet PDF - Integrated Device Technology
Part # IDT7M1002
Download  IDT7M1002 Download
File Size   166.96 Kbytes
Page   12 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 16K x 32 CMOS DUAL-PORT STATIC RAM MODULE

IDT7M1002 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7M1002 Datasheet PDF - Integrated Device Technology

Part # IDT7M1002
Download  IDT7M1002 Click to download

File Size   166.96 Kbytes
Page   12 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 16K x 32 CMOS DUAL-PORT STATIC RAM MODULE

IDT7M1002 Datasheet (HTML) - Integrated Device Technology


IDT7M1002 Product details

DESCRIPTION

The IDT7M1002 is a 16K x 32 high-speed CMOS Dual-Port Static RAM Module constructed on a co-fired ceramic substrate using four 16K x 8 (IDT7006) Dual-Port Static RAMs in surface-mounted LCC packages. The IDT7M1002 module is designed to be used as stand-alone 512K Dual-Port RAM or as a combination Master/Slave Dual-Port RAM for 64-bit or more word width systems. Using the IDT Master/Slave approach in such system applications results in full-speed, error free operation without the need for additional discrete logic.



FEATURES

• High-density 512K CMOS Dual-Port RAM module

• Fast access times

   —Commercial: 30, 35ns

   —Military: 40, 45ns

• Fully asynchronous read/write operation from either port

• Easy to expand data bus width to 64 bits or more using the Master/Slave function

• Separate byte read/write signals for byte control

• On-chip port arbitration logic

• INT flag for port-to-port communication

• Full on-chip hardware support of semaphore signaling between ports

• Surface mounted fine pitch (25 mil) LCC packages allow through-hole module to fit into 121 pin PGA footprint

• Single 5V (±10%) power supply

• Inputs/outputs directly TTL-compatible



 




Similar Part No. - IDT7M1002

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S35C IDT-IDT7M1001S35C Datasheet
171Kb / 11P
128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S35CB IDT-IDT7M1001S35CB Datasheet
171Kb / 11P
128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S40C IDT-IDT7M1001S40C Datasheet
171Kb / 11P
128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S40CB IDT-IDT7M1001S40CB Datasheet
171Kb / 11P
128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
More results


Similar Description - IDT7M1002

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
CMOS STATIC RAM 16K (16K x 1-BIT)
IDT7MP4045 IDT-IDT7MP4045 Datasheet
96Kb / 8P
256K x 32 CMOS STATIC RAM MODULE
IDT7MP4120 IDT-IDT7MP4120 Datasheet
83Kb / 8P
1M x 32 CMOS STATIC RAM MODULE
IDT709279 IDT-IDT709279 Datasheet
314Kb / 18P
HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A Datasheet
360Kb / 17P
16K x 16/18 Dual-Port Static RAM
CY7C026A CYPRESS-CY7C026A_05 Datasheet
469Kb / 18P
16K x 16/18 Dual-Port Static RAM
CY7C026A CYPRESS-CY7C026A_12 Datasheet
318Kb / 21P
16K x 16 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT709279 IDT-IDT709279_15 Datasheet
698Kb / 17P
HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279_18 Datasheet
222Kb / 17P
HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709279 RENESAS-709279 Datasheet
339Kb / 18P
HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
FEBRUARY 2018
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com