Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7MP4120 Datasheet (PDF) - Integrated Device Technology

IDT7MP4120 Datasheet PDF - Integrated Device Technology
Part # IDT7MP4120
Download  IDT7MP4120 Download
File Size   83.18 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 1M x 32 CMOS STATIC RAM MODULE

IDT7MP4120 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7MP4120 Datasheet PDF - Integrated Device Technology

Part # IDT7MP4120
Download  IDT7MP4120 Click to download

File Size   83.18 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 1M x 32 CMOS STATIC RAM MODULE

IDT7MP4120 Datasheet (HTML) - Integrated Device Technology


IDT7MP4120 Product details

DESCRIPTION
The IDT7MP4120 is a 1M x 32 Static RAM module constructed on an epoxy laminate (FR-4) substrate using 8 1M x 4 Static RAMs in plastic packages. Availability of four chip select lines (one for each group of two RAMs) provides byte access. The IDT7MP4120 is available with access time as fast as 20ns with minimal power consumption.

FEATURES
• High-density 4MB Static RAM module
• Low profile 72-pin ZIP (Zig-zag In-line vertical Package) or 72-pin SIMM (Single In-line Memory Module)
• Fast access time: 20ns (max.)
• Surface mounted plastic components on an epoxy laminate (FR-4) substrate
• Single 5V (±10%) power supply
• Multiple GND pins and decoupling capacitors for maximum noise immunity
• Inputs/outputs directly TTL-compatible




Similar Part No. - IDT7MP4120

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7MP4145 IDT-IDT7MP4145 Datasheet
96Kb / 8P
256K x 32 CMOS STATIC RAM MODULE
More results


Similar Description - IDT7MP4120

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM321024 MOTOROLA-MCM321024 Datasheet
80Kb / 8P
1M x 32 Bit Fast Static RAM Module
logo
Sharp Corporation
LH51BV1000J SHARP-LH51BV1000J Datasheet
77Kb / 11P
CMOS 1M (128K x 8) Static Ram
LH52D1000 SHARP-LH52D1000 Datasheet
81Kb / 12P
CMOS 1M (128K x 8) Static Ram
logo
Integrated Device Techn...
IDT7M1002 IDT-IDT7M1002 Datasheet
166Kb / 12P
16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7MP4045 IDT-IDT7MP4045 Datasheet
96Kb / 8P
256K x 32 CMOS STATIC RAM MODULE
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
64K x 32 Static RAM Module
CYM1851 CYPRESS-CYM1851 Datasheet
357Kb / 9P
1,024K x 32 Static RAM Module
CYM1836 CYPRESS-CYM1836 Datasheet
540Kb / 8P
128K x 32 Static RAM Module
logo
Sharp Corporation
LH52B256LL SHARP-LH52B256LL Datasheet
389Kb / 9P
CMOS 32 x 8 Static RAM
logo
Cypress Semiconductor
CY7C1072AV33 CYPRESS-CY7C1072AV33 Datasheet
147Kb / 9P
32-Mbit (1M x 32) Static RAM
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com