Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7MP4145 Datasheet (PDF) - Integrated Device Technology

IDT7MP4145 Datasheet PDF - Integrated Device Technology
Part # IDT7MP4145
Download  IDT7MP4145 Download
File Size   96.28 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 256K x 32 CMOS STATIC RAM MODULE

IDT7MP4145 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7MP4145 Datasheet PDF - Integrated Device Technology

Part # IDT7MP4145
Download  IDT7MP4145 Click to download

File Size   96.28 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 256K x 32 CMOS STATIC RAM MODULE

IDT7MP4145 Datasheet (HTML) - Integrated Device Technology


IDT7MP4145 Product details

DESCRIPTION:
The IDT7MP4045/4145 is a 256K x 32 static RAM module constructed on an epoxy laminate (FR-4) substrate using 8 256K x 4 static RAMs in plastic SOJ packages. Availability of four chip select lines (one for each group of two RAMs) provides byte access. The IDT7MP4045 is available with access time as fast as 10ns with minimal power consumption.

FEATURES:
• High density 1 megabyte static RAM module (IDT7MP4145 upgradeable to 4 megabyte, IDT7MP4120)
• Low profile 64 pin ZIP (Zig-zag In-line vertical Package) or 64 pin SIMM (Single In-line Memory Module) for IDT7MP4045 and 72 pin SIMM (Single In-line Memory Module) for IDT7MP4145
• Very fast access time: 15ns (max.)
• Surface mounted plastic components on an epoxy laminate (FR-4) substrate
• Single 5V (±10%) power supply
• Multiple GND pins and decoupling capacitors for maximum noise immunity
• Inputs/outputs directly TTL-compatible




Similar Part No. - IDT7MP4145

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7MP4120 IDT-IDT7MP4120 Datasheet
83Kb / 8P
1M x 32 CMOS STATIC RAM MODULE
IDT7MP4120S20M IDT-IDT7MP4120S20M Datasheet
83Kb / 8P
1M x 32 CMOS STATIC RAM MODULE
IDT7MP4120S20Z IDT-IDT7MP4120S20Z Datasheet
83Kb / 8P
1M x 32 CMOS STATIC RAM MODULE
IDT7MP4120S25M IDT-IDT7MP4120S25M Datasheet
83Kb / 8P
1M x 32 CMOS STATIC RAM MODULE
IDT7MP4120S25Z IDT-IDT7MP4120S25Z Datasheet
83Kb / 8P
1M x 32 CMOS STATIC RAM MODULE
More results


Similar Description - IDT7MP4145

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1164096 MOSEL-V62C1164096 Datasheet
178Kb / 10P
256K x 16, CMOS STATIC RAM
V62C18164096 MOSEL-V62C18164096 Datasheet
51Kb / 10P
256K x 16, CMOS STATIC RAM
logo
Motorola, Inc
MCM32257B MOTOROLA-MCM32257B Datasheet
158Kb / 8P
256K x 32 Bit Fast Static RAM Module
logo
Sharp Corporation
LH52256C SHARP-LH52256C Datasheet
97Kb / 11P
CMOS 256K (32K x 8) Static RAM
logo
Integrated Device Techn...
IDT7MP4120 IDT-IDT7MP4120 Datasheet
83Kb / 8P
1M x 32 CMOS STATIC RAM MODULE
logo
Cypress Semiconductor
CYM1441 CYPRESS-CYM1441 Datasheet
167Kb / 6P
256K x 8 Static RAM Module
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
256K x Static RAM
logo
Sharp Corporation
LH52B256 SHARP-LH52B256 Datasheet
469Kb / 11P
CMOS 256K (32K x 8) Static RAM
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
CMOS 256K (32K X 8) STATIC RAM
logo
Sharp Corporation
LH51256L SHARP-LH51256L Datasheet
430Kb / 7P
CMOS 256K (32K X 8) STATIC RAM
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com