Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7M1014 Datasheet (PDF) - Integrated Device Technology

IDT7M1014 Datasheet PDF - Integrated Device Technology
Part # IDT7M1014
Download  IDT7M1014 Download
File Size   85.66 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 4K x 36 BiCMOS DUAL-PORT STATIC RAM MODULE

IDT7M1014 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7M1014 Datasheet PDF - Integrated Device Technology

Part # IDT7M1014
Download  IDT7M1014 Click to download

File Size   85.66 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 4K x 36 BiCMOS DUAL-PORT STATIC RAM MODULE

IDT7M1014 Datasheet (HTML) - Integrated Device Technology


IDT7M1014 Product details

DESCRIPTION
The IDT7M1014 is a 4K x 36 asynchronous high-speed BiCMOS Dual-Port static RAM module constructed on a cofired ceramic substrate using 4 IDT7014 (4K x 9) asynchronous Dual-Port RAMs. The IDT7M1014 module is designed to be used as stand-alone 36-bit dual-port RAM.

FEATURES
• High-density 4K x 36 BiCMOS Dual-Port Static RAM module
• Fast access times
    — Commercial: 15, 20ns
    — Military: 25, 30ns
• Fully asynchronous read/write operation from either port
• Surface mounted LCC packages allow through-hole module to fit on a ceramic PGA footprint
• Single 5V (±10%) power supply
• Multiple GND pins and decoupling capacitors for maximum noise immunity
• Inputs/outputs directly TTL-compatible




Similar Part No. - IDT7M1014

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S35C IDT-IDT7M1001S35C Datasheet
171Kb / 11P
128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S35CB IDT-IDT7M1001S35CB Datasheet
171Kb / 11P
128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S40C IDT-IDT7M1001S40C Datasheet
171Kb / 11P
128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S40CB IDT-IDT7M1001S40CB Datasheet
171Kb / 11P
128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
More results


Similar Description - IDT7M1014

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7M1024 IDT-IDT7M1024 Datasheet
113Kb / 8P
4K x 36 BiCMOS SYNCHRONOUS DUAL-PORT STATIC RAM MODULE
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C138 CYPRESS-CY7C138 Datasheet
300Kb / 15P
4K x 8/9 Dual-Port Static RAM
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7C09349A CYPRESS-CY7C09349A Datasheet
337Kb / 17P
4K/8K x 18 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com