Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP1810 Datasheet (PDF) - IMP, Inc

IMP1810 Datasheet PDF - IMP, Inc
Part # IMP1810
Download  IMP1810 Download
File Size   110.26 Kbytes
Page   6 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description Low Power 5V/3.0V P Reset

IMP1810 Datasheet (PDF)

Go To PDF Page Download Datasheet
IMP1810 Datasheet PDF - IMP, Inc

Part # IMP1810
Download  IMP1810 Click to download

File Size   110.26 Kbytes
Page   6 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description Low Power 5V/3.0V P Reset

IMP1810 Datasheet (HTML) - IMP, Inc


IMP1810 Product details

The IMP1233M supply voltage monitor is an improved, low-power replacement for the Dallas Semiconductor DS1233M. Maximum supply current over temperature is a low 20µA, representing 60 percent lower power as compared to the DS1233M.
   
Key Features
◆ Improved Dallas DS1233M replacement
    — 60% lower maximum supply current
◆ Low Supply Current
    — 20µA maximum (5.5V)
    — 15µA maximum (3.6V)
◆ Automatically restarts a microprocessor after
    power failure
◆ 350ms reset delay after VCC returns to an
    in-tolerance condition
◆ Active LOW power-up reset, 5kΩ internal pull-up
◆ Precision temperature-compensated voltage
    reference and comparator
◆ Eliminates external components
◆ Pin function compatible with the Motorola
    MC33064, MC34064, MC33164 and MC34164
◆ Motorola 68xxx and HC16 compatible
◆ Compact surface mount SO-8 package
◆ Operating temperature –40°C to +85°C
   
Applications
◆ Set-top boxes
◆ Cellular phones
◆ PDAs
◆ Energy management systems
◆ Embedded control systems
◆ Printers
◆ Single board computers
   




Similar Part No. - IMP1810

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP1810 A1PROS-IMP1810 Datasheet
1Mb / 36P
Low Power,, 5V - Ressett- Acttiive LOW,, Open--Draiin Outtputt
06/15/99
More results


Similar Description - IMP1810

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP1233D IMP-IMP1233D Datasheet
119Kb / 6P
Low Power, 5V, 關P Reset
logo
Alliance Semiconductor ...
ASM1233M ALSC-ASM1233M Datasheet
204Kb / 9P
Low Power, 5V/3.0V, uP Reset, Active LOW, Open-Drain Output
ASM1810 ALSC-ASM1810 Datasheet
235Kb / 9P
Low Power, 5V uP Reset Active LOW, Push-Pull Output
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
Low Power 5V uP Reset Active LOW, Open - Drain Output
ASM1815 ALSC-ASM1815 Datasheet
235Kb / 9P
Low Power, 3.3V/3.0V uP Reset Active LOW, Push-Pull Output
ASM1816 ALSC-ASM1816 Datasheet
231Kb / 9P
Low Power 3.3V/3.0V uP Reset, Active LOW, Open-Drain Output
ASM1817 ALSC-ASM1817 Datasheet
232Kb / 9P
Low Power, 3.3V/3.0V uP Reset, Active HIGH, Push-Pull Output
logo
PulseCore Semiconductor
ASM1232LP PULSECORE-ASM1232LP Datasheet
285Kb / 10P
5V 關P Power Supply Monitor and Reset Circuit
ASM1233D-L PULSECORE-ASM1233D-L Datasheet
258Kb / 11P
Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
ASM1816 PULSECORE-ASM1816 Datasheet
235Kb / 9P
Low Power 3.3V/3.0V 關P Reset, Active LOW, Open-Drain Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com