Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP706P Datasheet (PDF) - IMP, Inc

IMP706P Datasheet PDF - IMP, Inc
Part # IMP706P
Download  IMP706P Download
File Size   229.01 Kbytes
Page   8 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description 3/3.3/4.0V 關P SUPERVISOR CIRCUITS

IMP706P Datasheet (PDF)

Go To PDF Page Download Datasheet
IMP706P Datasheet PDF - IMP, Inc

Part # IMP706P
Download  IMP706P Click to download

File Size   229.01 Kbytes
Page   8 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description 3/3.3/4.0V 關P SUPERVISOR CIRCUITS

IMP706P Datasheet (HTML) - IMP, Inc


IMP706P Product details

3/3.3/4.0V µP Supervisor Circuits



– Low supply current

– Watchdog timer

– Brownout detection



The IMP706P/R/S/T/J and IMP708R/S/T/J CMOS supervisor circuits monitor power-supply and battery voltage level, and µP/µC operation. A reset is generated when the supply drops below 2.63V (IMP706P/R, IMP708R), 2.93V (IMP706S, IMP708S), 3.08V (IMP706T, IMP708T) or 4.00 (IMP706J, IMP708J).

The family offers several functional options. Each device generates a reset signal during power-up, power-down and during brownout conditions.



Key Features

◆ Lower power, pin compatible replacements for Maxim MAX706P/R/S/T, MAX708R/S/T

   – 30% lower supply current:140µA vs. 200µA

◆ Precision power supply monitor

   – 2.63V threshold (IMP706P/R, IMP708R)

   – 2.93V threshold (IMP706S, IMP708S)

   – 3.08V threshold (IMP706T, IMP708T)

   – New 4.00V threshold (IMP706J, IMP708J)

◆ Debounced manual reset input

◆ Auxiliary voltage monitor comparator

   – 1.25V threshold

   – Battery monitor/auxiliary supply monitor

◆ Watchdog timer (IMP706P/R/S/T/J)

   – Watchdog can be disabled by floating WDI

◆ 200ms reset time delay

◆ Three reset signal options

   – Active HIGH: IMP706P

   – Active LOW: IMP706R/S/T/J

   – Active HIGH & LOW outputs: IMP708R/S/T/J

◆ DIP, SO and MicroSO packages

◆ Guaranteed RESET assertion to VCC = 1.1V



Applications

◆ Computers and controllers

◆ CTI applications

◆ Embedded controllers

◆ Battery operated systems

◆ Intelligent instruments

◆ Wireless communication systems

◆ PDAs and handheld equipment



 




Similar Part No. - IMP706P

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP706P A1PROS-IMP706P Datasheet
278Kb / 9P
3/3..3/4..0V μP Supervisorr Circuits
1999
IMP706PCPA A1PROS-IMP706PCPA Datasheet
278Kb / 9P
3/3..3/4..0V μP Supervisorr Circuits
1999
IMP706PCSA A1PROS-IMP706PCSA Datasheet
278Kb / 9P
3/3..3/4..0V μP Supervisorr Circuits
1999
IMP706PCUA A1PROS-IMP706PCUA Datasheet
278Kb / 9P
3/3..3/4..0V μP Supervisorr Circuits
1999
IMP706PEPA A1PROS-IMP706PEPA Datasheet
278Kb / 9P
3/3..3/4..0V μP Supervisorr Circuits
1999
More results


Similar Description - IMP706P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM1233D FAIRCHILD-FM1233D Datasheet
31Kb / 7P
3-Pin 關C Supervisor Circuit
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
3-Pin 關C Supervisor Circuit
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
3-Pin 關C Supervisor Circuits
logo
IMP, Inc
IMP705 IMP-IMP705 Datasheet
167Kb / 9P
LOW-POWER 關P SUPERVISOR CIRCUITS
logo
Alliance Semiconductor ...
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
3/3.3/4.0 V uP Supervisor Circuits
logo
PulseCore Semiconductor
ASM705 PULSECORE-ASM705 Datasheet
285Kb / 15P
Low Power 關P Supervisor Circuits
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
3-Pin 關P Voltage Supervisor
logo
Protek Devices
PA4101 PROTEC-PA4101 Datasheet
1Mb / 7P
PUNK with 關P Supervisor
logo
ON Semiconductor
ASM705 ONSEMI-ASM705 Datasheet
180Kb / 13P
Low Power P Supervisor Circuits
August, 2011 ??Rev. 3
logo
Diodes Incorporated
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
關P Supervisor Circuits
5/10/2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com