Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP706P Datasheet(PDF) 4 Page - IMP, Inc

Part # IMP706P
Description  3/3.3/4.0V 關P SUPERVISOR CIRCUITS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP706P Datasheet(HTML) 4 Page - IMP, Inc

  IMP706P Datasheet HTML 1Page - IMP, Inc IMP706P Datasheet HTML 2Page - IMP, Inc IMP706P Datasheet HTML 3Page - IMP, Inc IMP706P Datasheet HTML 4Page - IMP, Inc IMP706P Datasheet HTML 5Page - IMP, Inc IMP706P Datasheet HTML 6Page - IMP, Inc IMP706P Datasheet HTML 7Page - IMP, Inc IMP706P Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IMP706P/R/S/T/J, IMP708R/S/T/J
IMP706P/R/S/T/J, IMP708R/S/T/J
4
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
Unless otherwise noted, specifications are over the operating temperature range and VCC supply voltages are 2.7V to 5.5V (IMP706P,
IMP708R), 3.0V to 5.5V (IMP706/8S), 3.15V to 5.5V (IMP706/8T) and 4.1V to 5.5V (IMP706/8J).
Electrical Characteristics (cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
t
l
o
V
t
u
p
t
u
O
T
E
S
E
R
P
6
0
7
P
M
I
V H
O
I
E
C
R
U
O
S
0
0
8
=
µ
V
<
V
5
.
4
,
A
C
C
V
5
.
5
<V C
C
V
5
.
1
–
V
V L
O
I
K
N
I
S
V
<
V
5
.
4
,
A
m
2
.
3
=
C
C
V
5
.
5
<
4
.
0
V H
O
I
E
C
R
U
O
S
0
0
5
=
µ V
,
A
)
X
A
M
(
T
S
R
V
<
C
C
V
6
.
3
<V
8
.
0
C
C
V L
O
I
K
N
I
S
V
,
A
m
2
.
1
=
)
X
A
M
(
T
S
R
V
<
C
C
V
6
.
3
<3
.
0
,
e
g
a
t
l
o
V
t
u
p
t
u
O
T
E
S
E
R
J
/
T
/
S
/
R
8
0
7
P
M
I
V H
O
I
E
C
R
U
O
S
0
0
8
=
µ
V
<
V
5
.
4
,
A
C
C
V
5
.
5
<V C
C
V
5
.
1
–
V
V L
O
I
K
N
I
S
V
<
V
5
.
4
,
A
m
2
.
3
=
C
C
V
5
.
5
<
4
.
0
V H
O
I
E
C
R
U
O
S
0
0
5
=
µ V
,
A
)
X
A
M
(
T
S
R
V
<
C
C
V
5
.
4
<V
8
.
0
C
C
V L
O
I
K
N
I
S
V
,
A
m
2
.
1
=
)
X
A
M
(
T
S
R
V
<
C
C
V
5
.
4
<3
.
0
d
o
i
r
e
P
t
u
o
e
m
i
T
g
o
d
h
c
t
a
Wt D
W
V C
C
)
s
e
c
i
v
e
d
R
/
P
,
6
0
7
P
M
I
(
V
3
=
V C
C
)
s
e
c
i
v
e
d
T
/
S
,
6
0
7
P
M
I
(
V
3
.
3
=
V C
C
)
s
e
c
i
v
e
d
J
,
6
0
7
P
M
I
(
V
4
.
4
=
0
.
16
.
15
2
.
2s
h
t
d
i
W
e
s
l
u
P
I
D
Wt P
W
V L
I
V
,
V
4
.
0
=
H
I
V
8
.
0
=
C
C
V
,
)
X
A
M
(
T
S
R
V
<
C
C
V
5
.
4
<0
0
1s
n
h
t
d
i
W
e
s
l
u
P
I
D
Wt P
W
V L
I
V
,
V
4
.
0
=
H
I
V
8
.
0
=
C
C
V
<
V
5
.
4
,
C
C
V
5
.
5
<0
5s
n
d
l
o
h
s
e
r
h
T
t
u
p
n
I
I
D
WV H
I
V C
C
V
5
=5
.
3V
V L
I
8
.
0
V H
I
V
)
X
A
M
(
T
S
R
V
<
C
C
V
5
.
4
<
V
7
.
0
C
C
V L
I
6
.
0
t
n
e
r
r
u
C
t
u
p
n
I
I
D
W
V
=
I
D
W
C
C
y
l
n
O
6
0
7
P
M
I
,
0
50
5
1
µA
t
n
e
r
r
u
C
t
u
p
n
I
I
D
W
y
l
n
O
6
0
7
P
M
I
,
V
0
=
I
D
W
0
5
1
–
0
5
–
µA
e
g
a
t
l
o
V
t
u
p
t
u
O
O
D
W
V H
O
I
E
C
R
U
O
S
0
0
8
=
µ
V
<
V
5
.
4
,
A
C
C
V
5
.
5
<V C
C
V
5
.
1
–
V
V L
O
I
K
N
I
S
V
<
V
5
.
4
,
A
m
2
.
1
=
C
C
V
5
.
5
<4
.
0
V H
O
I
E
C
R
U
O
S
0
0
5
=
µ V
,
A
)
X
A
M
(
T
S
R
V
<
C
C
V
5
.
4
<
V
8
.
0
C
C
V L
O
I
K
N
I
S
0
0
5
=
µ V
,
A
)
X
A
M
(
T
S
R
V
<
C
C
V
5
.
4
<3
.
0
d
l
o
h
s
e
r
h
T
t
u
p
n
I
I
F
PV
s
e
c
i
v
e
d
R
/
P
r
o
F
.
g
n
il
l
a
f
I
F
P
C
C
T
/
S
r
o
F
.
V
3
=
V
s
e
c
i
v
e
d
C
C
V
s
e
c
i
v
e
d
J
r
o
F
.
V
3
.
3
=
C
C
.
V
4
.
4
=
2
.
15
2
.
13
.
1V
t
n
e
r
r
u
C
t
u
p
n
I
I
F
P
5
2
–
1
0
.
05
2A
n
e
g
a
t
l
o
V
t
u
p
t
u
O
O
F
PV H
O
I
E
C
R
U
O
S
0
0
8
=
µ
V
<
V
5
.
4
,
A
C
C
V
5
.
5
<
V C
C
V
5
.
1
–
V
V L
O
I
K
N
I
S
V
<
V
5
.
4
,
A
m
2
.
3
=
C
C
V
5
.
5
<4
.
0
V H
O
I
E
C
R
U
O
S
0
0
5
=
µ V
,
A
)
X
A
M
(
S
R
V
<
C
C
V
5
.
4
<V
8
.
0
C
C
V L
O
I
K
N
I
S
V
,
A
m
2
.
1
=
)
X
A
M
(
S
R
V
<
C
C
V
5
.
4
<3
.
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com