Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP811 Datasheet (PDF) - IMP, Inc

IMP811 Datasheet PDF - IMP, Inc
Part # IMP811
Download  IMP811 Download
File Size   140.04 Kbytes
Page   8 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description 4-pin 關P Voltage Supervisor with Manual Reset

IMP811 Datasheet (PDF)

Go To PDF Page Download Datasheet
IMP811 Datasheet PDF - IMP, Inc

Part # IMP811
Download  IMP811 Click to download

File Size   140.04 Kbytes
Page   8 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description 4-pin 關P Voltage Supervisor with Manual Reset

IMP811 Datasheet (HTML) - IMP, Inc


IMP811 Product details

The IMP811/IMP812 are low-power supervisors designed to monitor

voltage levels of 3.0V, 3.3V and 5.0V power supplies in low-power

microprocessor (µP), microcontroller (µC) and digital systems. Each features a debounced manual reset input. The IMP811/812 are improved

drop-in replacements for the Maxim MAX811/812 with extended

temperature specifications to 105°C



◆Improved Maxim MAX811/MAX812 replacement

—Specified to 105°C

—New 4.0V threshold option

◆6µA supply current

◆Monitor 5V, 3.3V and 3V supplies

◆Manual reset input

◆140ms min. reset pulse width

◆Guaranteed over temperature

◆Active-LOW reset valid with 1.1V supply(IMP811)

◆Small 4-pin SOT-143 package

◆No external components

◆Power-supply transient-immune design



 




Similar Part No. - IMP811

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP811 A1PROS-IMP811 Datasheet
180Kb / 8P
4--Piin 關P Vollttage Superrviissorr wiitth Manuall Ressett
1998
IMP811JEUS-T A1PROS-IMP811JEUS-T Datasheet
180Kb / 8P
4--Piin 關P Vollttage Superrviissorr wiitth Manuall Ressett
1998
IMP811LEUS-T A1PROS-IMP811LEUS-T Datasheet
180Kb / 8P
4--Piin 關P Vollttage Superrviissorr wiitth Manuall Ressett
1998
IMP811MEUS-T A1PROS-IMP811MEUS-T Datasheet
180Kb / 8P
4--Piin 關P Vollttage Superrviissorr wiitth Manuall Ressett
1998
IMP811REUS-T A1PROS-IMP811REUS-T Datasheet
180Kb / 8P
4--Piin 關P Vollttage Superrviissorr wiitth Manuall Ressett
1998
More results


Similar Description - IMP811

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811 Datasheet
185Kb / 8P
4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Alliance Semiconductor ...
ASM811 ALSC-ASM811 Datasheet
229Kb / 10P
4 Pin P Voltage Supervisor with Manual Reset
logo
PulseCore Semiconductor
PCS811 PULSECORE-PCS811 Datasheet
456Kb / 8P
5-Pin 關P Voltage Supervisor with Manual Reset
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
Unisonic Technologies
83CXXX UTC-83CXXX Datasheet
139Kb / 6P
4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
83CXXX UTC-83CXXX_11 Datasheet
152Kb / 5P
4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Maxim Integrated Produc...
MAX6804US31D1 MAXIM-MAX6804US31D1 Datasheet
554Kb / 8P
4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Global Mixed-mode Techn...
G692 GMT-G692 Datasheet
36Kb / 1P
4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811_V01 Datasheet
901Kb / 9P
4-Pin 關P Voltage Monitors with Manual Reset Input
2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com