Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP811 Datasheet(PDF) 2 Page - IMP, Inc

Part # IMP811
Description  4-pin 關P Voltage Supervisor with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP811 Datasheet(HTML) 2 Page - IMP, Inc

  IMP811 Datasheet HTML 1Page - IMP, Inc IMP811 Datasheet HTML 2Page - IMP, Inc IMP811 Datasheet HTML 3Page - IMP, Inc IMP811 Datasheet HTML 4Page - IMP, Inc IMP811 Datasheet HTML 5Page - IMP, Inc IMP811 Datasheet HTML 6Page - IMP, Inc IMP811 Datasheet HTML 7Page - IMP, Inc IMP811 Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IMP8
IMP81111, IMP8
, IMP81122
2
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
Ordering Information
Pin Configuration
IMP811
(IMP812)
GND
(RESET) RESET
VCC
4
MR
3
2
1
811/12_02.eps
SOT143
Package Marking2
Part Number 1
Reset Threshold (V)
Temperature Range
Pin-Package
(XX Lot Code)
IMP811 Active LOW Reset with Active LOW Manual Reset
IMP811LEUS-T
4.63
– 40°C to +105°C
4-SOT143
AMXX
IMP811MEUS-T
4.38
– 40°C to +105°C
4-SOT143
ANXX
IMP811JEUS-T
4.00
– 40°C to +105°C
4-SOT143
AOXX
IMP811TEUS-T
3.08
– 40°C to +105°C
4-SOT143
APXX
IMP811SEUS-T
2.93
– 40°C to +105°C
4-SOT143
AQXX
IMP811REUS-T
2.63
– 40°C to +105°C
4-SOT143
ARXX
IMP812 Active HIGH Reset with Active LOW Manual Reset
IMP812LEUS-T
4.63
– 40°C to +105°C
4-SOT143
ASXX
IMP812MEUS-T
4.38
– 40°C to +105°C
4-SOT143
ATXX
IMP812JEUS-T
4.00
– 40°C to +105°C
4-SOT143
AUXX
IMP812TEUS-T
3.08
– 40°C to +105°C
4-SOT143
AVXX
IMP812SEUS-T
2.93
– 40°C to +105°C
4-SOT143
AWXX
IMP812REUS-T
2.63
– 40°C to +105°C
4-SOT143
AXXX
Pin Terminal Voltage with Respect to Ground
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 6.0V
RESET, RESET and MR . . . . . . . . . . . . . . . . . –0.3V to (VCC + 0.3V)
Input Current at VCC and MR . . . . . . . . . . . 20mA
Output Current: RESET or RESET . . . . . . . 20mA
Rate of Rise at VCC . . . . . . . . . . . . . . . . . . . . 100V/µs
Power Dissipation (TA = 70°C) . . . . . . . . . . 320mW
(Derate SOT-143 4mW/°C above 70°C)
Operating Temperature Range . . . . . . . . . . –40°C to 105°C
Storage Temperature Range . . . . . . . . . . . . . –65°C to 160°C
Lead Temperature (soldering, 10 sec) . . . . . 300°C
These are stress ratings only and functional operation is not implied.
Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability
Notes:
1. Tape and Reel packaging is indicated by the -T designation.
2. Devices may also be marked with full part number: 811L, 812M etc. XX refers to lot.
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com