Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC6360 Datasheet (PDF) - Impala Linear Corporation

ILC6360 Datasheet PDF - Impala Linear Corporation
Part # ILC6360
Download  ILC6360 Download
File Size   687.1 Kbytes
Page   14 Pages
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation
Description STEP-UP/STEP DOWN DC-DC CONVERTER FOR 1-CELL LITHIUM-LON BATTERIES

ILC6360 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILC6360 Datasheet PDF - Impala Linear Corporation

Part # ILC6360
Download  ILC6360 Click to download

File Size   687.1 Kbytes
Page   14 Pages
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation
Description STEP-UP/STEP DOWN DC-DC CONVERTER FOR 1-CELL LITHIUM-LON BATTERIES

ILC6360 Datasheet (HTML) - Impala Linear Corporation


ILC6360 Product details

General Description
The ILC6360 step-up/step-down DC-DC converter is a switch mode converter, capable of supplying up to 500mA output current, at a fixed or user selectable output voltage. The range of input, and output voltage options makes the ILC6360 ideal for Lithium-ion (Li-ion) , or any other battery application, where the input voltage range spans above and below the regulated output voltage. When ILC6360’s input voltage exceeds the output voltage by more than 800mV, the output will begin to track the input linearly.

Features
• ILC6360CIR-36: Fixed 3.6V output; custom voltages possible
• ILC6360CIR-ADJ: Adjustable output to 6V maximum
• Capable of 500mA output current
• Peak efficiency: > 90% at VOUT = .6V,IOUT = 300mA, VIN = 3.6V
• No external diode is required (synchronous rectification)
• Battery input current of 250mA at no load
• True load disconnect from battery input in shutdown (1mA)
• OSC freq: 300kHz ±15%
• External freq synchronization from 150kHz to 500kHz
• Low battery detector with 100ms transient rejection delay
• Power good output flag when VOUT is in regulation
• MSOP-8 package

Applications
• Cellular phones
• Palmtops, PDAs and portable electronics
• Equipment using single Lithium-Ion batteries




Similar Part No. - ILC6360

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC6363 FAIRCHILD-ILC6363 Datasheet
158Kb / 14P
Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries
ILC6363CIR50X FAIRCHILD-ILC6363CIR50X Datasheet
158Kb / 14P
Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries
ILC6363CIRADJX FAIRCHILD-ILC6363CIRADJX Datasheet
158Kb / 14P
Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries
More results


Similar Description - ILC6360

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC6363 FAIRCHILD-ILC6363 Datasheet
158Kb / 14P
Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries
logo
Linear Technology
LT3433 LINER-LT3433 Datasheet
183Kb / 12P
High Voltage Step-Up/Step-Down DC/DC Converter
logo
List of Unclassifed Man...
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
BCD Semiconductor Manuf...
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Linear Technology
LT3433 LINER-LT3433_1 Datasheet
238Kb / 16P
High Voltage Step-Up/Step-Down DC/DC Converter
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
0.8A Step Down / Step Up / Inverting DC-DC Converter
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com