Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC6360 Datasheet(PDF) 4 Page - Impala Linear Corporation

Part # ILC6360
Description  STEP-UP/STEP DOWN DC-DC CONVERTER FOR 1-CELL LITHIUM-LON BATTERIES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC6360 Datasheet(HTML) 4 Page - Impala Linear Corporation

  ILC6360 Datasheet HTML 1Page - Impala Linear Corporation ILC6360 Datasheet HTML 2Page - Impala Linear Corporation ILC6360 Datasheet HTML 3Page - Impala Linear Corporation ILC6360 Datasheet HTML 4Page - Impala Linear Corporation ILC6360 Datasheet HTML 5Page - Impala Linear Corporation ILC6360 Datasheet HTML 6Page - Impala Linear Corporation ILC6360 Datasheet HTML 7Page - Impala Linear Corporation ILC6360 Datasheet HTML 8Page - Impala Linear Corporation ILC6360 Datasheet HTML 9Page - Impala Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Step-Up/Step-Down DC-DC Converter for 1-Cell Lithium-Ion Batteries
Impala Linear Corporation
4
(408) 574-3939
www.impalalinear.com
Jan 1999
ILC6360 1.1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Battery input current in shutdown
IIN(SD)
VLBI/SD < 0.4V, VOUT = 0V
(short circuit)
True load disconnect
1
2
µA
Switch on resistance
Rds(on)
N-Channel MOSFET
P-Channel MOSFET
400
750
m
Ω
Oscillator frequency
fosc
255
300
345
kHz
External clock frequency range (sync)
fsync
150
500
kHz
External clock pulse width
tW(sync)
Note 4
200
ns
External clock rise/fall time
tr / tf
Note 4
100
ns
LBI input threshold
VREF
1.175
1.150
1.250
1.325
1.350
V
Input leakage current
ILEAK
Pins LBI/SD, Sync and VFB, Note 4
200
nA
LBI hold time
thold(LBI)
Note 5
120
100
ms
LBO output voltage low
VLBO (low)
ISINK = 20mA, open drain output
0.4
V
LBO output leakage current
ILBO (hi)
VLBO = 5V
1
2
µA
Shutdown input voltage low
VSD (low)
0.4
V
Shutdown input voltage high
VSD (hi)
VLBO = 5V
1
6
V
Sync input voltage low
VSYNC (low)
0.4
V
Sync input voltage high
VSD (hi)
1
6
V
POK output voltage low
VPOK (low)
ISINK = 2mA, open drain output
0.4
V
POK output voltage high
VPOK (hi)
6
V
POK output leakage current
IL (POK)
Force 6V at pin 5
1
2
µA
POK threshold
VTH (POK)
0.92xVOUT 0.95xVOUT 0.98xVOUT
V
POK hysteresis
VHYST
50
mV
Unless otherwise specified all limits are at TA = 25°C, VIN = 3.6V, VOUT = 3.6V, VLBI = 1.5V, IOUT = 1mA, FOSC = 300kHz. Test circuit
of figure 2 for ILC6360-36 and test circuit of figure 9 for ILC6360-ADJ. BOLDFACE type indicates limits that apply over the full oper-
ating temperature range. Note 2.
Note 1. Absolute maximum ratings indicate limits which, when exceeded, may result in damage to the component. Electrical specifications do not apply when operating the
device outside its rated operating conditions.
Note 2. Specified min/max limits are production tested or guaranteed through correlation based on statistical control methods. Measurements are taken at constant junction
temperature as close to ambient as possible using low duty pulse testing.
Note 3. VOUT(nom) is the nominal output voltage at IOUT = 0mA.
Note 4. Guaranteed by design.
Note 5. In order to get a valid low-battery-output (LBO) signal, the input voltage must be lower than the low-battery-input (LBI) threshold for a duration greater than the low
battery hold time (thold(LBI)). This feature eliminates false triggering due to voltage transients at the battery terminal.
Electrical Characteristics ILC6360CIR-36 and ILC6360CIR-ADJ (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com