Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC6360 Datasheet(PDF) 13 Page - Impala Linear Corporation

Part # ILC6360
Description  STEP-UP/STEP DOWN DC-DC CONVERTER FOR 1-CELL LITHIUM-LON BATTERIES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC6360 Datasheet(HTML) 13 Page - Impala Linear Corporation

Back Button ILC6360 Datasheet HTML 6Page - Impala Linear Corporation ILC6360 Datasheet HTML 7Page - Impala Linear Corporation ILC6360 Datasheet HTML 8Page - Impala Linear Corporation ILC6360 Datasheet HTML 9Page - Impala Linear Corporation ILC6360 Datasheet HTML 10Page - Impala Linear Corporation ILC6360 Datasheet HTML 11Page - Impala Linear Corporation ILC6360 Datasheet HTML 12Page - Impala Linear Corporation ILC6360 Datasheet HTML 13Page - Impala Linear Corporation ILC6360 Datasheet HTML 14Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Step-Up/Step-Down DC-DC Converter for 1-Cell Lithium-Ion Batteries
Impala Linear Corporation
13
(408) 574-3939
www.impalalinear.com
Jan 1999
ILC6360 1.1
Unless otherwise specified: TA = 25°C, CIN = 100µF, COUT = 10µF 100µF, L = 15µH, VOUT = 3.6V (nominal)
VOUT vs Temperature
Low Battery Output (VIN < VTH for Greater than 100ms)
10k
Ω
Ω pull-up resistor from LBO to 3V supply
Temperature °C
20ms/div
20ms/div
Freq (Hz)
VIN = 2.8V, ILOAD = 200mA
VIN = 4.2V, ILOAD = 200mA
VIN = 4.2V, ILOAD = 500mA
VTh = 1.2V
IOUT = 40mA
VTh = 1.2V
IOUT = 40mA
VTh = 2.8V
IOUT = 66mA
455kHz IF Band: 2.6µVRMS
VTh = 2.8V
IOUT = 66mA
Fundamental:
345kHz/2.7mVRMS
First Harmonic
690kHz/0.66mVRMS
VIN = 3.6V, ILOAD = 500mA
VOUT = 3.6V, (nominal)
VIN = 3.0V, ILOAD = 500mA
VIN = 2.8V, ILOAD = 500mA
VIN = 3.6V, ILOAD = 200mA
-40 -30 -20 -10
0
10
20 30
40 50
60 70 80 90
3.7
3.6
3.5
3.4
4
3
2
1
0
1.5
1.0
0.5
0
3.3
Low Battery Output (VIN < VTH for Less than 100ms)
10k
Ω
Ω pull-up resistor from LBO to 3V supply
Spectral Noise Plot
Spectral Noise Plot
4
3
2
1
0
1.5
1.0
0.5
0
3.00
2.40
1.80
1.20
0.60
100
1k
10k
100k
1M
255k
355k
415k
495k
575k
655k
-42
-62
-82
-102
-122
-142
Typical Performance Characteristics ILC6360CIR-36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com