Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC7011 Datasheet (PDF) - Impala Linear Corporation

ILC7011 Datasheet PDF - Impala Linear Corporation
Part # ILC7011
Download  ILC7011 Download
File Size   46.97 Kbytes
Page   4 Pages
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation
Description 80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator

ILC7011 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILC7011 Datasheet PDF - Impala Linear Corporation

Part # ILC7011
Download  ILC7011 Click to download

File Size   46.97 Kbytes
Page   4 Pages
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation
Description 80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator

ILC7011 Datasheet (HTML) - Impala Linear Corporation


ILC7011 Product details

General Description
The ILC7011 is an 80mA, Ultra Low Noise, Low Dropout (LDO) linear regulator, designed and processed in Impala’s proprietary CMOS process technology. This process combines the best CMOS features of low quiescent current, small size and low dropout voltage with the best bipolar features of high ripple rejection, ultra low noise and power handling capability. The ILC7011 offers a quiescent current of less than 100µA, a logic level enable (regulator on/off) pin, a footprint that is half the size of the industry standard SOT- 23 and a low dropout voltage of 50mV at 10mA. With better than 70dB (1kHz) of ripple rejection, ultra low noise of 10µVRMS and 1% output voltage accuracy, the ILC7011 sets a new standard in linear regulators for communications and personal electronics applications.

Features
• 1% output voltage accuracy
• Only 10µVRMS noise from 300Hz to 100kHz
• Uses low ESR ceramic or Tantalum output capacitor to minimize noise and output ripple.
• Only 90µA ground current at 80mA load
• Ripple rejection up to 70dB at 1kHz, 60dB at 1MHz
• Excellent line and load transient response
• Guaranteed to 80mA output current
• Industry standard five lead SC70 packages
• Fixed 2.8V, 3.0V, 3.3V, 3.6V, 4.7V, 5.0V, output voltage options
• Metal mask option available for custom voltages between 2.5V and 8V

Applications
• Cellular phones
• Wireless communicators
• PDAs / palmtops / organizers
• Battery powered portable electronics




Similar Part No. - ILC7011

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC7011 FAIRCHILD-ILC7011 Datasheet
369Kb / 11P
80mA SC70 Low Noise CMOS RF-LDO Regulator
ILC7011AIC525X FAIRCHILD-ILC7011AIC525X Datasheet
369Kb / 11P
80mA SC70 Low Noise CMOS RF-LDO Regulator
ILC7011AIC526X FAIRCHILD-ILC7011AIC526X Datasheet
369Kb / 11P
80mA SC70 Low Noise CMOS RF-LDO Regulator
ILC7011AIC527X FAIRCHILD-ILC7011AIC527X Datasheet
369Kb / 11P
80mA SC70 Low Noise CMOS RF-LDO Regulator
ILC7011AIC5285X FAIRCHILD-ILC7011AIC5285X Datasheet
369Kb / 11P
80mA SC70 Low Noise CMOS RF-LDO Regulator
More results


Similar Description - ILC7011

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7010 IMPALA-ILC7010 Datasheet
50Kb / 4P
80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7082 IMPALA-ILC7082 Datasheet
333Kb / 16P
150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Fairchild Semiconductor
ILC7010 FAIRCHILD-ILC7010 Datasheet
369Kb / 11P
80mA SC70 Low Noise CMOS RF-LDO Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_13 Datasheet
205Kb / 9P
80mA Low Noise LDO Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Unisonic Technologies
LR1198 UTC-LR1198 Datasheet
160Kb / 4P
ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
logo
TECH PUBLIC Electronics...
TPBL9198-18BAPRN TECHPUBLIC-TPBL9198-18BAPRN Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-33BAPRN TECHPUBLIC-TPBL9198-33BAPRN Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulator
TPRT9193-29GB TECHPUBLIC-TPRT9193-29GB Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com