Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC7082 Datasheet (PDF) - Impala Linear Corporation

ILC7082 Datasheet PDF - Impala Linear Corporation
Part # ILC7082
Download  ILC7082 Download
File Size   333.29 Kbytes
Page   16 Pages
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation
Description 150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR

ILC7082 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILC7082 Datasheet PDF - Impala Linear Corporation

Part # ILC7082
Download  ILC7082 Click to download

File Size   333.29 Kbytes
Page   16 Pages
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation
Description 150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR

ILC7082 Datasheet (HTML) - Impala Linear Corporation


ILC7082 Product details

General Description
The ILC7082 is a 150mA low dropout (LDO) voltage regulator designed to provide a high performance solution to low power systems. The device offers a typical combination of low dropout and low quiescent current expected of CMOS parts, while uniquely providing the low noise and high ripple rejection characteristics usually only associated with bipolar LDO regulators.
   
Features
• Ultra low 1mV dropout per 1mA load
• 1% output voltage accuracy
• Only 30mVRMS noise
• Uses low ESR ceramic output capacitor to minimize noise and output ripple
• Only 100µA ground current at 100mA load
• Ripple rejection up to 85dB at 1kHz, 60dB at 1MHz
• Excellent line and load transient response
• Over current / over temperature protection
• Guaranteed to 150mA output current
• Industry standard five lead SOT-23 package
• Fixed 2.8V, 3.0V, 3.3V, 3.6V, 4.7V, 5.0V and adjustable  output voltage options
• Metal mask option available for custom voltages between  2.5V and 10V
   
Applications
• Cellular phones
• Wireless communicators
• PDAs / palmtops / organizers
• Battery powered portable electronics
   




Similar Part No. - ILC7082

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC7082 FAIRCHILD-ILC7082 Datasheet
205Kb / 16P
150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator
ILC7082-XX FAIRCHILD-ILC7082-XX Datasheet
205Kb / 16P
150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator
ILC7082ADJ FAIRCHILD-ILC7082ADJ Datasheet
205Kb / 16P
150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator
ILC7082AIM5-30 FAIRCHILD-ILC7082AIM5-30 Datasheet
205Kb / 16P
150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator
ILC7082AIM525X FAIRCHILD-ILC7082AIM525X Datasheet
205Kb / 16P
150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator
More results


Similar Description - ILC7082

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC7083 FAIRCHILD-ILC7083 Datasheet
472Kb / 16P
150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
logo
Impala Linear Corporati...
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Fairchild Semiconductor
ILC7082 FAIRCHILD-ILC7082 Datasheet
205Kb / 16P
150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator
ILC7071 FAIRCHILD-ILC7071 Datasheet
110Kb / 11P
100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
150mA CMOS Low Noise LDO Voltage Regulator
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
RP130X RICOH-RP130X Datasheet
510Kb / 32P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
SC9193 FUMAN-SC9193 Datasheet
534Kb / 11P
150mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com