Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC7082 Datasheet(PDF) 4 Page - Impala Linear Corporation

Part # ILC7082
Description  150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC7082 Datasheet(HTML) 4 Page - Impala Linear Corporation

  ILC7082 Datasheet HTML 1Page - Impala Linear Corporation ILC7082 Datasheet HTML 2Page - Impala Linear Corporation ILC7082 Datasheet HTML 3Page - Impala Linear Corporation ILC7082 Datasheet HTML 4Page - Impala Linear Corporation ILC7082 Datasheet HTML 5Page - Impala Linear Corporation ILC7082 Datasheet HTML 6Page - Impala Linear Corporation ILC7082 Datasheet HTML 7Page - Impala Linear Corporation ILC7082 Datasheet HTML 8Page - Impala Linear Corporation ILC7082 Datasheet HTML 9Page - Impala Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
150mA SOT-23 Ultra Low Noise CMOS RF-LDO™ Regulator
Impala Linear Corporation
4
(408) 574-3939
www.impalalinear.com
April 1999
ILC7082 1.3
Parameter
Symbol
Conditions
Min
Typ
Max
Units
IOUT = 0mA
95
200
220
IOUT = 1mA
100
220
240
1mA
< I
OUT
< 100mA
100
220
240
1mA
< I
OUT
< 150mA
100
240
260
Ground Pin
Current
IGND
1mA
< I
OUT
< 150mA
115
260
280
µA
Shutdown (OFF)
Current
ION/OFF
VON/OFF = 0V
0.1
2
µA
ON/OFF Input
Voltage
VON/OFF
High = Regulator On
Low = Regulator Off
1.5
13
0.06
ON/OFF Pin
Input Current
(Note 5)
IIN (on/off)
VON/OFF = 0.6V, REGULATOR OFF
VON/OFF = 2V, REFULATOR ON
0.3
1
µA
Peak Output
Current (Note 4)
IOUT(peak)
VOUT > 0.95V OUT (NOM),
tpw=2ms
400
500
MA
Output Noise
Voltage (RMS)
e
N
BW = 300Hz to 50kHz, CIN = 1
µF
CNOISE = 0.01
µF, C
OUT = 2.2
µF,
IOUT = 10MA
30
µV
RMS
freq = 1kHz
85
freq = 10kHz
70
Ripple Rejection
"
!V
OUT
/!
VIN
COUT = 4.7
µF,
IOUT = 100MA
freq = 1mHz
60
dB
Dynamic Line
Regulation
"
"
!VOUT
(line)
VIN: VOUT (NOM) + 1V to
VOUT (NOM) + 2V,
tr/tf = 2ms; IOUT = 150MA
14
mV
Dynamic Load
Regulation
!V
OUT(load)
IOUT: 1mA to 150mA; tr < 5
µS
40
mV
Short Circuit
Current
I SC
VOUT = 0V
600
mA
Unless otherwise specified. all limits are at TA = 25°C, VIN = VOUT(NOM)+1V, IOUT = 1mA, COUT = 1µF, VON/OFF = 2V
Boldface limits apply over the operating temperature range. (Note 2)
Note 1: Absolute maximum ratings indicate limits which when exceeded may result in damage to the component. Electrical specifications do not apply
when operating the device outside of its rated operating conditions.
Note 2: Specified Min/Max limits are production tested or guaranteed through correlation based on statistical control methods. Measurements are taken at
constant junction temperature as close to ambient as possible using low duty pulse testing.
Note 3: Dropout voltage is defined as the input to output differential voltage at which the output voltage drops 2% below the nominal value measured with
an IV differential.
Note 4: Guaranteed by design
Note5 : The device’s shutdown pin includes a 2M
Ω internal pulldown resistor connected to ground.
ELECTRICAL CHARACTERISTICS ILC7082AIM5 (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com