Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC7082 Datasheet(PDF) 13 Page - Impala Linear Corporation

Part # ILC7082
Description  150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC7082 Datasheet(HTML) 13 Page - Impala Linear Corporation

Back Button ILC7082 Datasheet HTML 8Page - Impala Linear Corporation ILC7082 Datasheet HTML 9Page - Impala Linear Corporation ILC7082 Datasheet HTML 10Page - Impala Linear Corporation ILC7082 Datasheet HTML 11Page - Impala Linear Corporation ILC7082 Datasheet HTML 12Page - Impala Linear Corporation ILC7082 Datasheet HTML 13Page - Impala Linear Corporation ILC7082 Datasheet HTML 14Page - Impala Linear Corporation ILC7082 Datasheet HTML 15Page - Impala Linear Corporation ILC7082 Datasheet HTML 16Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
150mA SOT-23 Ultra Low Noise CMOS RF-LDO™ Regulator
Impala Linear Corporation
13
(408) 574-3939
www.impalalinear.com
April 1999
ILC7082 1.3
120
100
80
60
40
20
0
Spectral Noise Density
Frequency (Hz)
10
1
0.1
10K
1M
1K
100
10
0.01
0.001
VOUT = 2.8V
10M
IOUT = 50mA
CNOI SE = 0.01µF
COUT = 10µF (Ceramic)
COUT = 2.2µF or 4.7µF (Ceramic)
COUT = 1µF (Ceramic)
100K
Spectral Noise Density
Frequency (Hz)
10
1
0.1
10K
100K
1K
100
10
0.01
0.001
VOUT = 2.8V
1M
COUT = 2.2µF
CNOISE = 0.01µF
IOUT = 1 mA
IOUT = 50mA, 100mA or 150 mA
Output Noise Voltage vs. CNOISE
Freq Band
60
50
30
20
10
0
40
90
80
70
100 Hz–
50 KHz
100 Hz–
100 KHz
300 Hz–
50 KHz
300 Hz–
100 KHz
VOUT = 3V
IOUT = 10mA
COUT = 2.2µF(Ceramic)
CNOI SE = 1.2nF
5.6nF
0.047µF
0.039µF
8.2nF
0.022µF
0.01µF
Output Noise Voltage vs. CNOISE
Freq Band
60
50
30
20
10
0
40
90
80
70
100 Hz–
50 KHz
100 Hz–
100 KHz
300 Hz–
50 KHz
300 Hz–
100 KHz
VOUT = 3V
IOUT = 10mA
COUT = 4.7µF(Ceramic )
CNOISE = 1.2nF
5.6nF
0.047µF
0.039µF
0.022µF
0.016µF
8.2nF
Ripple Rejection vs. Frequency
80
60
40
10K
1M
1K
100
10
20
0
VOUT = 2.8V
IOUT = 150mA
100K
Ripple Rejection vs. Frequency
10K
1M
1K
100
10
VOUT = 3V
10M
IOUT = 10mA
COUT = 1µF
100K
COUT = 10µF
COUT = 4.7µF
COUT = 2.2µF
70
50
30
10
COUT = 1µF
COUT = 2.2µF
COUT = 4.7µF
COUT = 10µF
Unless otherwise specified TA T=25°C, VIN =VOUT(NOM), + 1V, ON/OFF pin tied to VIN
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com