Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F010 Datasheet (PDF) - Intel Corporation

28F010 Datasheet PDF - Intel Corporation
Part # 28F010
Download  28F010 Download
File Size   405.78 Kbytes
Page   30 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 1024K (128K x 8) CMOS FLASH MEMORY

28F010 Datasheet (PDF)

Go To PDF Page Download Datasheet
28F010 Datasheet PDF - Intel Corporation

Part # 28F010
Download  28F010 Click to download

File Size   405.78 Kbytes
Page   30 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 1024K (128K x 8) CMOS FLASH MEMORY

28F010 Datasheet (HTML) - Intel Corporation


28F010 Product details

28F010 1024K (128K X 8) CMOS FLASH MEMORY

Intel’s 28F010 CMOS flash memory offers the most cost-effective and reliable alternative for read/write random access nonvolatile memory. The 28F010 adds electrical chip-erasure and reprogramming to familiar EPROM technology. Memory contents can be rewritten: in a test socket; in a PROM-programmer socket; on board during subassembly test; in-system during final test; and in-system after sale. The 28F010 increases memory flexibility, while contributing to time and cost savings.

■  Flash Electrical Chip-Erase
 - 1 Second Typical Chip-Erase
■  Quick-Pulse Programming Algorithm
 - 10 µs Typical Byte-Program
 - 2 Second Chip-Program
 ■ 100,000 Erase/Program Cycles
 ■ 12.0 V ±5% VPP
 ■ High-Performance Read
 - 90 ns Maximum Access Time
 ■ CMOS Low Power Consumption
 - 10 mA Typical Active Current
 - 50 µA Typical Standby Current
 - 0 Watts Data Retention Power
 ■ Integrated Program/Erase Stop Timer
 ■ Command Register Architecture for Microprocessor/Microcontroller Compatible Write Interface
 ■ Noise Immunity Features
 - ±10% VCC Tolerance
 - Maximum Latch-Up Immunity through EPI Processing
■  ETOX™ Nonvolatile Flash Technology
-  EPROM-Compatible Process Base
 - High-Volume Manufacturing Experience
 ■ JEDEC-Standard Pinouts
-  32-Pin Plastic Dip
-  32-Lead PLCC
 - 32-Lead TSOP
     (See Packaging Spec., Order #231369)
■  Extended Temperature Options




Similar Part No. - 28F010

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F0101024K INTEL-28F0101024K Datasheet
895Kb / 33P
28F010 1024K (128K X 8) CMOS FLASH MEMORY
More results


Similar Description - 28F010

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
128K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F0101024K INTEL-28F0101024K Datasheet
895Kb / 33P
28F010 1024K (128K X 8) CMOS FLASH MEMORY
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
1024K (128K x 8) CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
128K X 8 CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
1M-BIT [128K x 8] CMOS FLASH MEMORY
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com