Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F010 Datasheet(PDF) 3 Page - Intel Corporation

Part # 28F010
Description  1024K (128K x 8) CMOS FLASH MEMORY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F010 Datasheet(HTML) 3 Page - Intel Corporation

  28F010 Datasheet HTML 1Page - Intel Corporation 28F010 Datasheet HTML 2Page - Intel Corporation 28F010 Datasheet HTML 3Page - Intel Corporation 28F010 Datasheet HTML 4Page - Intel Corporation 28F010 Datasheet HTML 5Page - Intel Corporation 28F010 Datasheet HTML 6Page - Intel Corporation 28F010 Datasheet HTML 7Page - Intel Corporation 28F010 Datasheet HTML 8Page - Intel Corporation 28F010 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
28F010
28F010
290207 – 2
290207 – 3
290207 – 17
290207 – 18
Figure 2 28F010 Pin Configurations
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com