Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F010 Datasheet(PDF) 14 Page - Intel Corporation

Part # 28F010
Description  1024K (128K x 8) CMOS FLASH MEMORY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F010 Datasheet(HTML) 14 Page - Intel Corporation

Back Button 28F010 Datasheet HTML 10Page - Intel Corporation 28F010 Datasheet HTML 11Page - Intel Corporation 28F010 Datasheet HTML 12Page - Intel Corporation 28F010 Datasheet HTML 13Page - Intel Corporation 28F010 Datasheet HTML 14Page - Intel Corporation 28F010 Datasheet HTML 15Page - Intel Corporation 28F010 Datasheet HTML 16Page - Intel Corporation 28F010 Datasheet HTML 17Page - Intel Corporation 28F010 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
28F010
ABSOLUTE MAXIMUM RATINGS
Operating Temperature
During Read
0 Cto a70 C(1)
During EraseProgram
0 Cto a70 C(1)
Operating Temperature
During Read
b
40 Cto a85 C(2)
During EraseProgram
b
40 Cto a85 C(2)
Temperature Under Bias
b
10 Cto a80 C(1)
Temperature Under Bias
b
50 Cto a95 C(2)
Storage Temperature
b
65 Cto a125 C
Voltage on Any Pin with
Respect to Ground
b
20V to a70V(3)
Voltage on Pin A9 with
Respect to Ground
b
20V to a135V(3 4)
VPP Supply Voltage with
Respect to Ground
During EraseProgram
b
20V to a140V(3 4)
VCC Supply Voltage with
Respect to Ground
b
20V to a70V(3)
Output Short Circuit Current
100 mA(5)
NOTICE This is a production data sheet The specifi-
cations are subject to change without notice
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
OPERATING CONDITIONS
Symbol
Parameter
Limits
Unit
Min
Max
TA
Operating Temperature(1)
070
C
TA
Operating Temperature(2)
b
40
a
85
C
VCC
VCC Supply Voltage (10%)(6)
450
550
V
VCC
VCC Supply Voltage (5%)(7)
475
525
V
NOTES
1 Operating Temperature is for commercial product as defined by this specification
2 Operating Temperature is for extended temperature products as defined by this specification
3 Minimum DC input voltage is b05V During transitions inputs may undershoot to b20V for periods less
than 20 ns Maximum DC voltage on output pins is VCC a 05V which may overshoot to VCC a 20V for
periods less than 20 ns
4 Maximum DC voltage on A9 or VPP may overshoot to a140V for periods less than 20 ns
5 Output shorted for no more than one second No more than one output shorted at a time
6 See High Speed AC InputOutput reference Waveforms and High Speed AC Testing Load Circuits for
testing characteristics
7 See AC InputOutput reference Waveforms and AC Testing Load Circuits for testing characteristics
DC CHARACTERISTICSTTLNMOS COMPATIBLECommercial Products
Symbol
Parameter
Notes
Limits
Unit
Test Conditions
Min
Typical(4)
Max
ILI
Input Leakage Current
1
g
10
m
AVCC e VCC Max
VIN e VCC or VSS
ILO
Output Leakage Current
1
g
10
m
AVCC e VCC Max
VOUT e VCC or VSS
ICCS
VCC Standby Current
1
03
10
mA
VCC e VCC Max
CE
e
VIH
ICC1
VCC Active Read Current
1
10
30
mA
VCC e VCC Max CE
e
VIL
f e 6 MHz IOUT e 0mA
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com