Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F010 Datasheet(PDF) 13 Page - Intel Corporation

Part # 28F010
Description  1024K (128K x 8) CMOS FLASH MEMORY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F010 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 28F010 Datasheet HTML 9Page - Intel Corporation 28F010 Datasheet HTML 10Page - Intel Corporation 28F010 Datasheet HTML 11Page - Intel Corporation 28F010 Datasheet HTML 12Page - Intel Corporation 28F010 Datasheet HTML 13Page - Intel Corporation 28F010 Datasheet HTML 14Page - Intel Corporation 28F010 Datasheet HTML 15Page - Intel Corporation 28F010 Datasheet HTML 16Page - Intel Corporation 28F010 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
28F010
DESIGN CONSIDERATIONS
Two-Line Output Control
Flash-memories are often used in larger memory ar-
rays Intel provides two read-control inputs to ac-
commodate multiple memory connections Two-line
control provides for
a the lowest possible memory power dissipation
and
b complete assurance that output bus contention
will not occur
To efficiently use these two control inputs an ad-
dress-decoder output should drive chip-enable
while the system’s read signal controls all flash-
memories and other parallel memories This assures
that only enabled memory devices have active out-
puts while deselected devices maintain the low
power standby condition
Power Supply Decoupling
Flash-memory power-switching characteristics re-
quire careful device decoupling System designers
are interested in three supply current (ICC) issues
standby active and transient current peaks pro-
duced by falling and rising edges of chip-enable The
capacitive and inductive loads on the device outputs
determine the magnitudes of these peaks
Two-line control and proper decoupling capacitor
selection will suppress transient voltage peaks
Each device should have a 01 mF ceramic capacitor
connected between VCC and VSS and between VPP
and VSS
Place the high-frequency low-inherent-inductance
capacitors as close as possible to the devices Also
for every eight devices a 47 mF electrolytic capaci-
tor should be placed at the array’s power supply
connection between VCC and VSS The bulk capaci-
tor will overcome voltage slumps caused by printed-
circuit-board trace inductance
and will supply
charge to the smaller capacitors as needed
VPP Trace on Printed Circuit Boards
Programming flash-memories while they reside in
the target system requires that the printed circuit
board designer pay attention to the VPP power sup-
ply trace The VPP pin supplies the memory cell cur-
rent for programming Use similar trace widths and
layout considerations given the VCC power bus Ad-
equate VPP supply traces and decoupling will de-
crease VPP voltage spikes and overshoots
Power UpDown Protection
The 28F010 is designed to offer protection against
accidental erasure or programming during power
transitions Upon power-up the 28F010 is indifferent
as to which power supply VPP or VCC powers up
first Power supply sequencing is not required Inter-
nal circuitry in the 28F010 ensures that the com-
mand register is reset to the read mode on power
up
A system designer must guard against active writes
for VCC voltages above VLKO when VPP is active
Since both WE
and CE
must be low for a com-
mand write driving either to VIH will inhibit writes
The control register architecture provides an added
level of protection since alteration of memory con-
tents only occurs after successful completion of the
two-step command sequences
28F010 Power Dissipation
When designing portable systems designers must
consider battery power consumption not only during
device operation but also for data retention during
system idle time Flash nonvolatility increases the
usable battery life of your system because the
28F010 does not consume any power to retain code
or data when the system is off Table 4 illustrates the
power dissipated when updating the 28F010
Table 4 28F010 Typical Update Power Dissipation(4)
Operation
Notes
Power Dissipation
(Watt-Seconds)
Array ProgramProgram Verify
1
0171
Array EraseErase Verify
2
0136
One Complete Cycle
3
0478
NOTES
1 Formula to calculate typical ProgramProgram Verify Power e VPP c
Bytes c typical
Prog Pulses (tWHWH1 c IPP2
typical a tWHGL c IPP4 typical) a VCC c
Bytes c typical
Prog Pulses (tWHWH1 c ICC2 typical a tWHGL c ICC4
typical
2 Formula to calculate typical EraseErase Verify Power e VPP (VPP3 typical c tERASE typical a IPP5 typical c tWHGL c
Bytes) a VCC (ICC3 typical c tERASE typical a ICC5 typical c tWHGL c
Bytes)
3 One Complete Cycle e Array Preprogram a Array Erase a Program
4 ‘‘Typicals’’ are not guaranteed but based on a limited number of samples from production lots
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com