Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N82802 Datasheet (PDF) - Intel Corporation

N82802 Datasheet PDF - Intel Corporation
Part # N82802
Download  N82802 Download
File Size   471.56 Kbytes
Page   53 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Firmware Hub (FWH)

N82802 Datasheet (PDF)

Go To PDF Page Download Datasheet
N82802 Datasheet PDF - Intel Corporation

Part # N82802
Download  N82802 Click to download

File Size   471.56 Kbytes
Page   53 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Firmware Hub (FWH)

N82802 Datasheet (HTML) - Intel Corporation


N82802 Product details

Architectural Overview
The Intel® 82802 Firmware Hub (FWH) discrete component is compatible with several Intel chipset platforms and a variety of applications. The device operates under the LPC/FWH interface/protocol. The hardware features of this device include a Random Number Generator (RNG), five General-Purpose Inputs (GPIs), register-based block locking, and hardware-based locking. This combination of logic features and non-volatile memory enables better protection for the storage and update of platform code and data, adds platform flexibility through additional GPIs, and allows for quicker introduction of new security/manageability features into current and future platforms. The platform RNG, accessed through the Intel® Security Driver and third-party software, enables security features for the PC platform. See the product features listed previously for a list of more key features that the Intel FWH provides.

Product Features
■ Intel platform compatability
    - Enables security-enhanced platform infrastructure; facilitates option to remove ISA.
■ Firmware hub hardware interface mode
    - 5-Signal communication interface supporting byte-at-a-time reads and writes
    - Register-based read and write protection for each code/data storage block
    - Hardware write protect pins for the top boot block and the remaining code/data storage blocks
    - 5 Additional GPIs for platform design flexibility
    - Contains a hardware Random Number Generator (RNG) for enhancing platform security
    - Integrated Command User Interface (CUI) for requesting access to locking, programming, and erasing options. The CUI also handles requests for data residing in status, ID, and block-lock registers.
    - Operates with 33-MHz PCI clock and 3.3 V I/O.
■ Industry-standard packages (40L TSOP or 32L PLCC)
■ Two configurable interfaces
    - Firmware hub interface for platform operation
    - Address/Address-Multiplexed (A/A Mux) interface for programming during manufacturing
■ 4 or 8 Mbits of flash memory for platform code/data nonvolatile storage
    - Symmetrically blocked, 64-KB memory sections
    - Available in 8-Mbit (Intel® 82802AC) and 4- Mbit (Intel® 82802AB) densities
    - Automated byte program and block erase via an integrated Write State Machine (WSM)
■ Address/Address-Multiplexed (A/A Mux) interface/mode
    - 11-Pin multiplexed address and 8-pin data I/O interface
    - Supports fast on-board or out-of-system programming for manufacturing
■ Case temprature operating range
■ Power supply specifications
    - Vcc: 3.3 V ± 0.3 V
    - Vpp: 3.3 V and 12 V for fast programming, (80 hours maximum)




Similar Part No. - N82802

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
N82802AB8 INTEL-N82802AB8 Datasheet
70Kb / 12P
Specification Update
More results


Similar Description - N82802

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST49LF002A SST-SST49LF002A Datasheet
412Kb / 36P
2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
logo
ATMEL Corporation
AT49LH004 ATMEL-AT49LH004 Datasheet
326Kb / 36P
4-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
8-megabit and 4-megabit Firmware Hub Flash Memory
AT49LH002 ATMEL-AT49LH002 Datasheet
354Kb / 36P
2-megabit Firmware Hub and Low-Pin Count Flash Memory
logo
AMIC Technology
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
A49FL004 AMICC-A49FL004 Datasheet
713Kb / 36P
4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
logo
Silicon Storage Technol...
SST49LF008A SST-SST49LF008A_06 Datasheet
543Kb / 42P
8 Mbit Firmware Hub
SST49LF004B SST-SST49LF004B_06 Datasheet
491Kb / 36P
4 Mbit Firmware Hub
SST49LF004B SST-SST49LF004B_10 Datasheet
1Mb / 36P
4 Mbit Firmware Hub
logo
Intel Corporation
E82802AC8 INTEL-E82802AC8 Datasheet
477Kb / 53P
Intel짰 82802AB/82802AC Firmware Hub (FWH)
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com