Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C186 Datasheet (PDF) - Intel Corporation

M80C186 Datasheet PDF - Intel Corporation
Part # M80C186
Download  M80C186 Download
File Size   590.67 Kbytes
Page   59 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CHMOS HIGH INTEGRATION 16-BIT MICROPROCESSOR

M80C186 Datasheet (PDF)

Go To PDF Page Download Datasheet
M80C186 Datasheet PDF - Intel Corporation

Part # M80C186
Download  M80C186 Click to download

File Size   590.67 Kbytes
Page   59 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CHMOS HIGH INTEGRATION 16-BIT MICROPROCESSOR

M80C186 Datasheet (HTML) - Intel Corporation


M80C186 Product details

CHMOS HIGH INTEGRATION 16-BIT MICROPROCESSOR



 Operation Modes Include:

  Enhanced Mode Which Has

  DRAM Refresh

  Power-Save Logic

  Direct Interface to New CMOS Numerics Coprocessor

  Compatible Mode

  NMOS M80186 Pin-for-Pin Replacement for Non-Numerics Applications

 Integrated Feature Set

  Enhanced M80C86/C88 CPU

  Clock Generator

  2 Independent DMA Channels

  Programmable Interrupt Controller

  3 Programmable 16-Bit Timers

  Dynamic RAM Refresh Control Unit

  Programmable Memory and Peripheral Chip Select Logic

  Programmable Wait State Generator

  Local Bus Controller

  Power Save Logic

  System-Level Testing Support (High Impedance Test Mode)

 Available in 10 MHz and 12.5 MHz Versions


Direct Addressing Capability to 1 Mbyte and 64 Kbyte I/O

Completely Object Code Compatible with All Existing M8086/M8088 Software and Also Has 10 Additional Instructions over M8086/M8088

Complete System Development Support

  All M8086 and NMOS M80186 Software Development Tools Can Be Used for M80C186 System Development

  Assembler, PL/M, Pascal, Fortran, and System Utilities  

  In-Circuit-Emulator (ICETM-C186)

Available in 68-Pin Ceramic Pin Grid Array (PGA) and 68-Lead Ceramic Quad Flat Pack

(See Packaging Outlines and Dimensions, Order Ý231369)

Available in Two Product Grades:

  MIL-STD-883, b55§C to a125§C (TC)

  Military Temperature Only (MTO), b55§C to a125§C (TC)




Similar Part No. - M80C186

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M80C186EB-13 INTEL-M80C186EB-13 Datasheet
855Kb / 56P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR
M80C186EB-16 INTEL-M80C186EB-16 Datasheet
855Kb / 56P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR
M80C186EB-8 INTEL-M80C186EB-8 Datasheet
855Kb / 56P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR
M80C186XL10 INTEL-M80C186XL10 Datasheet
556Kb / 44P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR
M80C186XL12 INTEL-M80C186XL12 Datasheet
556Kb / 44P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR
More results


Similar Description - M80C186

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80186 INTEL-80186 Datasheet
394Kb / 33P
HIGH-INTEGRATION 16-BIT MICROPROCESSORS
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
CHMOS 16-BIT MICROCONTROLLER
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
M80C86 INTEL-M80C86 Datasheet
277Kb / 19P
16-BIT CHMOS MICROPROCESSOR
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
CHMOS 16-Bit Microcontroller
logo
Advanced Micro Devices
80186 AMD-80186 Datasheet
3Mb / 56P
High Integration 16-Bit Microprocessor iAPX86 Family
80188 AMD-80188 Datasheet
3Mb / 51P
High Integration 8-Bit Microprocessor
logo
Intel Corporation
AN87C196KDF8 INTEL-AN87C196KDF8 Datasheet
242Kb / 21P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
AS87C196CB20F8 INTEL-AS87C196CB20F8 Datasheet
308Kb / 38P
16-Bit CHMOS Microcontrollers
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com