Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C196KB Datasheet (PDF) - Intel Corporation

M80C196KB Datasheet PDF - Intel Corporation
Part # M80C196KB
Download  M80C196KB Download
File Size   401.16 Kbytes
Page   30 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER

M80C196KB Datasheet (PDF)

Go To PDF Page Download Datasheet
M80C196KB Datasheet PDF - Intel Corporation

Part # M80C196KB
Download  M80C196KB Click to download

File Size   401.16 Kbytes
Page   30 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER

M80C196KB Datasheet (HTML) - Intel Corporation


M80C196KB Product details

The M80C196KB 16-bit microcontroller is a high performance member of the MCSÉ-96 microcontroller family. The M80C196KB is pin-for-pin compatible and uses a true superset of the M8096 instructions. Intel’s CHMOS process provides a high performance processor along with low power consumption. To further reduce power requirements, the processor can be placed into Idle or Powerdown Mode.

■ 232 Byte Register File
■ Register-to-Register Architecture
■ 28 Interrupt Sources/16 Vectors
■ 2.3 ms 16 x 16 Multiply (12 MHz)
■ 4.0 ms 32/16 Divide (12 MHz)
■ Powerdown and Idle Modes
■ Five 8-Bit I/O Ports
■ 16-Bit Watchdog Timer
■ Dynamically Configurable 8-Bit or 16-Bit Buswidth
■ Available in 68-Lead PGA and 68-Lead Ceramic Quad Flat Pack
■ Full Duplex Serial Port
■ High Speed I/O Subsystem
■ 16-Bit Timer
■ 16-Bit Up/Down Counter with Capture
■ Pulse-Width-Modulated Output
■ Four 16-Bit Software Timers
■ 10-Bit A/D Converter with S/H
■ 12 MHz Version — M80C196KB
■ Available in Two Product Grades:
    — MIL-STD-883, -55°C to +125°C (TC)
    — Military Temperature Only (MTO), -55°C to +125°C (TC)




Similar Part No. - M80C196KB

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M80C108371C HARWIN-M80C108371C Datasheet
515Kb / 4P
DATAMATE DIL CRIMP SOCKET CABLE ASSEMBLY
M80C108448C HARWIN-M80C108448C Datasheet
314Kb / 1P
44WAY J/SCREW DATAMATE DIL LARGE BORE CRIMP FRMALE
logo
Intel Corporation
M80C186 INTEL-M80C186 Datasheet
590Kb / 59P
CHMOS HIGH INTEGRATION 16-BIT MICROPROCESSOR
M80C186EB-13 INTEL-M80C186EB-13 Datasheet
855Kb / 56P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR
M80C186EB-16 INTEL-M80C186EB-16 Datasheet
855Kb / 56P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR
More results


Similar Description - M80C196KB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C196EA INTEL-80C196EA Datasheet
445Kb / 46P
CHMOS 16-BIT MICROCONTROLLER
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
CHMOS 16-BIT MICROCONTROLLER
83C196LC INTEL-83C196LC Datasheet
134Kb / 22P
CHMOS 16-BIT MICROCONTROLLER
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196KD INTEL-87C196KD Datasheet
255Kb / 21P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
87C196LA INTEL-87C196LA Datasheet
309Kb / 21P
CHMOS 16-BIT MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
CHMOS 16-Bit Microcontroller
EG80296SA50 INTEL-EG80296SA50 Datasheet
345Kb / 40P
CHMOS 16-BIT MICROCONTROLLER
AN87C196KDF8 INTEL-AN87C196KDF8 Datasheet
242Kb / 21P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com