Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C196KB Datasheet(PDF) 8 Page - Intel Corporation

Part # M80C196KB
Description  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C196KB Datasheet(HTML) 8 Page - Intel Corporation

Back Button M80C196KB Datasheet HTML 4Page - Intel Corporation M80C196KB Datasheet HTML 5Page - Intel Corporation M80C196KB Datasheet HTML 6Page - Intel Corporation M80C196KB Datasheet HTML 7Page - Intel Corporation M80C196KB Datasheet HTML 8Page - Intel Corporation M80C196KB Datasheet HTML 9Page - Intel Corporation M80C196KB Datasheet HTML 10Page - Intel Corporation M80C196KB Datasheet HTML 11Page - Intel Corporation M80C196KB Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
M80C196KB
PIN DESCRIPTIONS
Symbol
Name and Function
VCC
Main supply voltage (5V)
VSS
Digital circuit ground (0V) There are three VSS pins all of which must be connected
VREF
Reference voltage for the AD converter (5V) VREF is also the supply voltage to the
analog portion of the AD converter and the logic used to read Port 0 Must be connected
for AD and Port 0 to function
ANGND
Reference ground for the AD converter Must be held at nominally the same potential as
VSS
VPP
Timing pin for the return from powerdown circuit Connect this pin with a 1 mF capacitor to
VSS anda1MX resistor to VCC If this function is not used VPP may be tied to VCC This
pin was VBB on the 8X9X-90 parts and is the programming voltage on EPROM part
XTAL1
Input of the oscillator inverter and of the internal clock generator
XTAL2
Output of the oscillator inverter
CLKOUT
Output of the internal clock generator The frequency of CLKOUT is
the oscillator
frequency It has a 50% duty cycle
RESET
Reset input to the chip Input low for at least 4 state times to reset the chip The
subsequent low-to-high transition re- synchronizes CLKOUT and commences a 10-state-
time sequence in which the PSW is cleared a byte read from 2018H loads CCR and a
jump to location 2080H is executed Input high for normal operation RESET has an
internal pullup
BUSWIDTH
Input for buswidth selection If CCR bit 1 is a one this pin selects the bus width for the bus
cycle in progress If BUSWIDTH is a 1 a 16-bit bus cycle occurs If BUSWIDTH isa0an
8-bit cycle occurs If CCR bit 1 is a 0 the bus is always an 8-bit bus This pin is the TEST
pin on 8X9X-90 parts Systems with TEST tied to VCC do not need to change
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com