Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C196KB Datasheet(PDF) 29 Page - Intel Corporation

Part # M80C196KB
Description  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C196KB Datasheet(HTML) 29 Page - Intel Corporation

Back Button M80C196KB Datasheet HTML 22Page - Intel Corporation M80C196KB Datasheet HTML 23Page - Intel Corporation M80C196KB Datasheet HTML 24Page - Intel Corporation M80C196KB Datasheet HTML 25Page - Intel Corporation M80C196KB Datasheet HTML 26Page - Intel Corporation M80C196KB Datasheet HTML 27Page - Intel Corporation M80C196KB Datasheet HTML 28Page - Intel Corporation M80C196KB Datasheet HTML 29Page - Intel Corporation M80C196KB Datasheet HTML 30Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
M80C196KB
AD GLOSSARY OF TERMS
ABSOLUTE ERROR
The maximum difference be-
tween corresponding actual and ideal code tran-
sitions Absolute Error accounts for all deviations of
an actual converter from an ideal converter
ACTUAL CHARACTERISTIC
The characteristic
of an actual converter The characteristic of a given
converter may vary over temperature supply volt-
age and frequency conditions An actual character-
istic rarely has ideal first and last transition locations
or ideal code widths It may even vary over multiple
conversions under the same conditions
BREAK-BEFORE-MAKE
The property of multi-
plexer which guarantees that a previously selected
channel will be deselected before a new channel is
selected (eg the converter will not short inputs to-
gether)
CHANNEL-TO-CHANNEL MATCHING
The differ-
ence between corresponding code transitions of ac-
tual characteristics taken from different channels un-
der the same temperature voltage and frequency
conditions
CHARACTERISTIC
A graph of input voltage ver-
sus the resultant output code for an AD converter
It describes the transfer function of the AD convert-
er
CODE
The digital value output by the converter
CODE TRANSITION
The point at which the con-
verter changes from an output code of Q to a code
of Q a 1 The input voltage corresponding to a code
transition is defined to be that voltage which is
equally likely to produce either of two adjacent
codes
CODE WIDTH
The voltage corresponding to the
difference between two adjacent code transitions
DC INPUT LEAKAGE
Leakage current to ground
from an analog input pin
DIFFERENTIAL NON-LINEARITY
The difference
between the ideal and actual code widths of the ter-
minal based characteristic
FEEDTHROUGH
Attenuation of a voltage applied
on the selected channel of the AD Converter after
the sample window closes
FULL SCALE ERROR
The difference between the
expected and actual input voltage corresponding to
the full scale code transition
IDEAL CHARACTERISTIC
A characteristic with
its first code transition at VIN e 05 LSB its last
code transition at VIN e (VREF b 15 LSB) and all
code widths equal to one LSB
INPUT RESISTANCE
The effective series resist-
ance from the analog input pin to the sample capaci-
tor
LSBLeast Significant Bit
The voltage corre-
sponding to the full scale voltage divided by 2n
where n is the number of bits of resolution of the
converter For an 8-bit converter with a reference
voltage of 512V one LSB is 20 mV Note that this is
different than digital LSBs since an uncertainty of
two LSB when referring to an AD converter equals
40 mV (This has been confused with an uncertainty
of two digital bits which would mean four counts or
80 mV)
NON-LINEARITY
The maximum deviation of code
transitions of the terminal based characteristic from
the corresponding code transitions of the ideal char-
acteristic
OFF-ISOLATION
Attenuation of a voltage applied
on a deselected channel of the AD converter (Also
referred to as Crosstalk)
REPEATABILITY
The difference between corre-
sponding code transitions from different actual char-
acteristics taken from the same converter on the
same channel at the same temperature voltage and
frequency conditions
RESOLUTION
The number of input voltage levels
that the converter can unambiguously distinguish
between Also defines the number of useful bits of
information which the converter can return
SAMPLE TIME
Begins when the sample capacitor
is attached to a selected channel and ends when
the sample capacitor is disconnected from the se-
lected channel
TEMPERATURE COEFFICIENTS
Change in the
stated variable per degree centigrade temperature
change Temperature coefficients are added to the
typical values of a specification to see the effect of
temperature drift
TERMINAL BASED CHARACTERISTIC
An actual
characteristic which has been rotated and translated
to remove zero offset and full scale error
VCC REJECTION Attenuation of noise on the VCC
line to the AD converter
ZERO OFFSET
The difference between the ex-
pected and actual input voltage corresponding to
the first code transition
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com