Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C196KB Datasheet(PDF) 15 Page - Intel Corporation

Part # M80C196KB
Description  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C196KB Datasheet(HTML) 15 Page - Intel Corporation

Back Button M80C196KB Datasheet HTML 11Page - Intel Corporation M80C196KB Datasheet HTML 12Page - Intel Corporation M80C196KB Datasheet HTML 13Page - Intel Corporation M80C196KB Datasheet HTML 14Page - Intel Corporation M80C196KB Datasheet HTML 15Page - Intel Corporation M80C196KB Datasheet HTML 16Page - Intel Corporation M80C196KB Datasheet HTML 17Page - Intel Corporation M80C196KB Datasheet HTML 18Page - Intel Corporation M80C196KB Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
M80C196KB
MEMORY MAP
EXTERNAL MEMORY OR IO
0FFFFH
4000H
INTERNAL ROMEPROM OR
EXTERNAL MEMORY
2080H
RESERVED
2040H
UPPER 8 INTERRUPT VECTORS
2030H
ROMEPROM SECURITY KEY
2020H
RESERVED
2019H
CHIP CONFIGURATION BYTE
2018H
RESERVED
2014H
LOWER 8 INTERRUPT VECTORS
PLUS 2 SPECIAL INTERRUPTS
2000H
PORT 3 AND PORT 4
1FFEH
EXTERNAL MEMORY OR IO
0100H
INTERNAL DATA MEMORY - REGISTER FILE
(STACK POINTER RAM AND SFRS)
EXTERNAL PROGRAM CODE MEMORY
0000H
ROMEPROM is available for the 80C196
M80C196KB INTERRUPTS
Number
Source
Vector
Priority
Location
INT15
NMI
203EH
15
INT14
HSI FIFO Full
203CH
14
INT13
EXTINT Pin
203AH
13
INT12
TIMER2 Overflow
2038H
12
INT11
TIMER2 Capture
2036H
11
INT10
4th Entry into HSI FIFO
2034H
10
INT09
RI
2032H
9
INT08
TI
2030H
8
SPECIAL Unimplemented Opcode
2012H
NA
SPECIAL Trap
2010H
NA
INT07
EXTINT
200EH
7
INT06
Serial Port
200CH
6
INT05
Software Timer
200AH
5
INT04
HSI0 Pin
2008H
4
INT03
High Speed Outputs
2006H
3
INT02
HSI Data Available
2004H
2
INT01
AD Conversion Complete
2002H
1
INT00
Timer Overflow
2000H
0
19H
STACK POINTER
19H
STACK POINTER
18H
18H
17H
IOS2
17H
PWM
CONTROL
16H
IOS1
16H
IOC1
15H
IOS0
15H
IOC0
14H
WSR
14H
WSR
13H
INT
MASK 1
13H
INT
MASK 1
12H
INT
PEND 1
12H
INT
PEND 1
11H
SP
STAT
11H
SP
CON
10H
PORT2
10H
PORT2
0FH
PORT1
0FH
PORT1
0FH
RESERVED (1)
0EH
PORT0
0EH
BAUD RATE
0EH
RESERVED (1)
0DH
TIMER2 (HI)
0DH
TIMER2 (HI)
0DH
T2 CAPTURE (HI)
0CH
TIMER2 (LO)
0CH
TIMER2 (LO)
0CH
T2 CAPTURE (LO)
0BH
TIMER1 (HI)
0BH
IOC2
WSR e 15
0AH
TIMER1 (LO)
0AH
WATCHDOG
09H
INT
PENDING
09H
INT
PENDING
OTHER SFRS IN WSR
08H
INT
MASK
08H
INT
MASK
15 BECOME READABLE
07H
SBUF(RX)
07H
SBUF(TX)
IF THEY WERE WRITABLE
06H
HSI
STATUS
06H
HSO
COMMAND
IN WSR e 0 AND WRITABLE
05H
HSI
TIME (HI)
05H
HSO
TIME (HI)
IF THEY WERE READABLE
04H
HSI
TIME (LO)
04H
HSO
TIME (LO)
IN WSR e 0
03H
AD
RESULT (HI)
03H
HSI
MODE
02H
AD
RESULT (LO)
02H
AD
COMMAND
NEW OR CHANGED
01H
ZERO REG (HI)
01H
ZERO REG (HI)
REGISTER FUNCTION
00H
ZERO REG (LO)
00H
ZERO REG (LO)
NOTE
WHEN READ
WHEN WRITTEN
1 Reserved registers should not be written
WSR e 0
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com