Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C196KB Datasheet(PDF) 12 Page - Intel Corporation

Part # M80C196KB
Description  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C196KB Datasheet(HTML) 12 Page - Intel Corporation

Back Button M80C196KB Datasheet HTML 8Page - Intel Corporation M80C196KB Datasheet HTML 9Page - Intel Corporation M80C196KB Datasheet HTML 10Page - Intel Corporation M80C196KB Datasheet HTML 11Page - Intel Corporation M80C196KB Datasheet HTML 12Page - Intel Corporation M80C196KB Datasheet HTML 13Page - Intel Corporation M80C196KB Datasheet HTML 14Page - Intel Corporation M80C196KB Datasheet HTML 15Page - Intel Corporation M80C196KB Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
M80C196KB
Instruction Summary (Continued)
Mnemonic
Operands
Operation (Note 1)
Flags
Notes
Z
N
C
V
VT
ST
CLRVT
0
VT
w 0
bbbb
0
b
RST
0
PC
w 2080H
0
0
0
0
0
0
8
DI
0
Disable All Interupts (I
w 0)
bbbb
b
b
EI
0
Enable All Interupts (I
w 1)
bbbb
b
b
NOP
0
PC
w PC a 1
bbbb
b
b
SKIP
0
PC
w PC a 2
bbbb
b
b
NORML
2
Left shift till msb e 1 D
w shift count
0
bb
b
7
TRAP
0
SP
w SP b 2
bbbb
b
b
9
(SP)
w PC PC w (2010H)
PUSHA
1
SP
w SP-2 (SP) w PSW
0
0
0
0
0
0
PSW
w 0000H SP w SP-2
(SP)
w IMASK1WSR IMASK1 w 00H
POPA
1
IMASK1WSR
w (SP) SP w SPa2
PSW
w (SP) SP w SPa2
IDLPD
1
IDLE MODE IF KEYe1
bbbb
b
b
POWERDOWN MODE IF KEY e2
CHIP RESET OTHERWISE
CMPL
2
D-A
u b
BMOV
2
PTR
HI a
w PTR LOW a
bbbb
b
b
UNTIL COUNTe0
NOTES
1 If the mnemonic ends in ‘‘B’’ a byte operation is performed otherwise a word operation is done Operands D B and A
must conform to the alignment rules for the required operand type D and B are locations in the Register File A can be
located anywhere in memory
2 DD a 2 are consecutive WORDS in memory D is DOUBLE-WORD aligned
3 DD a 1 are consecutive BYTES in memory D is WORD aligned
4 Changes a byte to word
5 Offset is a 2’s complement number
6 Specified bit is one of the 2048 bits in the register file
7 The ‘‘L’’ (Long) suffix indicates double-word operation
8 Initiates a Reset by pulling RESET low Software should re-initialize all the necessary registers with code starting at 2080H
9 The assembler will not accept this mnemonic
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com