Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C196KB Datasheet(PDF) 21 Page - Intel Corporation

Part # M80C196KB
Description  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C196KB Datasheet(HTML) 21 Page - Intel Corporation

Back Button M80C196KB Datasheet HTML 17Page - Intel Corporation M80C196KB Datasheet HTML 18Page - Intel Corporation M80C196KB Datasheet HTML 19Page - Intel Corporation M80C196KB Datasheet HTML 20Page - Intel Corporation M80C196KB Datasheet HTML 21Page - Intel Corporation M80C196KB Datasheet HTML 22Page - Intel Corporation M80C196KB Datasheet HTML 23Page - Intel Corporation M80C196KB Datasheet HTML 24Page - Intel Corporation M80C196KB Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
M80C196KB
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Case Temperature
under Bias
b
55 Cto a125 C
Storage Temperature
b
65 Cto a150 C
Voltage On Any Pin to VSS
b
05V to a70V
Power Dissipation15W
NOTICE This data sheet contains preliminary infor-
mation on new products in production The specifica-
tions are subject to change without notice Verify with
your local Intel Sales office that you have the latest
data sheet before finalizing a design
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
OPERATING CONDITIONS
MIL-STD-883
Symbol
Description
Min
Max
Units
TC
Case Temperature (Instant On)
b
55
a
125
C
VCC
Digital Supply Voltage
450
550
V
VREF
Analog Supply Voltage
450
550
V
fOSC
Oscillator Frequency
35
12
MHz
Military Temperature (MTO)
Symbol
Description
Min
Max
Units
TC
Case Temperature (Instant On)
b
55
a
125
C
VCC
Digital Supply Voltage
450
550
V
VREF
Analog Supply Voltage
450
550
V
fOSC
Oscillator Frequency
35
12
MHz
NOTE
ANGND and VSS should be nominally at the same potential
DC Characteristics (Over Specified Operating Conditions)
Symbol
Description
Min
Max
Units
Comments
VIL
Input Low Voltage
b
05
08
V
VIH
Input High Voltage (Note 1)
02 VCC a 10
VCC
V
VIH1
Input High Voltage on XTAL 1
07 VCC
VCC
V
VIH2
Input High Voltage on RESET
22
VCC
V
VOL
Output Low Voltage
03
V
IOL e 200 mA
045
V
IOL e 32 mA
15
V
IOL e 7mA
VOH
Output High Voltage
VCC b 03
V
IOH eb200 mA
(Standard Outputs) (Note 2)
VCC b 07
V
IOH eb32 mA
VCC b 15
V
IOH eb7mA
VOH1
Output High Voltage
VCC b 03
V
IOH eb10 mA
(Quasi-bidirectional Outputs) (Note 3)
VCC b 07
V
IOH eb30 mA
VCC b 15
V
IOH eb60 mA
NOTES
1 All pins except RESET and XTAL1
2 Standard Outputs include AD0 – 15 RD WR ALE BHE INST HSO pins PWMP25 CLKOUT RESET Ports 3 and 4
TXDP20 and RXD (in serial mode 0) The VOH specification is not valid for RESET Ports 3 and 4 are open-drain outputs
3 QBD (Quasi-bidirectional) pins include Port 1 P26 and P27
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com