Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C196KB Datasheet(PDF) 28 Page - Intel Corporation

Part # M80C196KB
Description  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C196KB Datasheet(HTML) 28 Page - Intel Corporation

Back Button M80C196KB Datasheet HTML 22Page - Intel Corporation M80C196KB Datasheet HTML 23Page - Intel Corporation M80C196KB Datasheet HTML 24Page - Intel Corporation M80C196KB Datasheet HTML 25Page - Intel Corporation M80C196KB Datasheet HTML 26Page - Intel Corporation M80C196KB Datasheet HTML 27Page - Intel Corporation M80C196KB Datasheet HTML 28Page - Intel Corporation M80C196KB Datasheet HTML 29Page - Intel Corporation M80C196KB Datasheet HTML 30Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
M80C196KB
A TO D CHARACTERISTICS
There are two modes of AD operation with or with-
out clock prescaler The speed of the AD converter
can be adjusted by setting a clock prescaler on or
off At high frequencies more time is needed for the
comparator to settle The maximum frequency with
the clock prescaler disabled is 8 MHz The conver-
sion times with the prescaler turned on or off is
shown in the table below
The converter is ratiometric
so the absolute
accuracy is directly dependent on the accuracy and
stability of VREF VREF must be close to VCC since it
supplies both the resistor ladder and the digital sec-
tion of the converter
AD CONVERTER SPECIFICATIONS
The specifications given below assume adherence
to the Operating Conditions section of this data
sheet Testing is performed in Mode 2 with VREF e
512V and 12 MHz on XTAL1
Clock Prescaler On
Clock Prescaler Off
IOC24 e 0
IOC24 e 1
Mode 0 – 158 States
Mode 2 – 91 States
2633 ms
12 MHz
2275 ms
8 MHz
AD CHARACTERISTICS (Over Specified Operating Conditions)
Parameter
Typical (1)
Minimum
Maximum
Units
Notes
Resolution
256
1024
Levels
10
Bits
Absolute Error
0
g
4
LSBs
Full Scale Error
b
05 g05
LSBs
Zero Offset Error
g
05
LSBs
Non-Linearity
0
g
4
LSBs
Differential Non-Linearity
0
g
2
LSBs
Channel-to-Channel Matching
0
g
1
LSBs
Repeatability
g
025
LSBs
Temperature Coefficients
Offset
0009
LSB C
Full Scale
0009
LSB C
Differential Non-Linearity
0009
LSB C
Off Isolation
b
60
dB
2 3
Feedthrough
b
60
dB
2
VCC Power Supply Rejection
b
60
dB
2
Input Resistance
750
12K
X
DC Input Leakage
0
30
m
A
Sample Time Slow Mode
15
States
4
Fast Mode
8
States
4
Input Capacitance
3
pF
NOTES
An ‘‘LSB’’ as used here has a value of approximately 5 mV
1 These values are expected for most parts at 25 C but are not tested or guaranteed
2 DC to 100 KHz
3 Multiplexer Break-Before-Make Guaranteed
4 One state e 167 ns at 12 MHz 250 ns at 8 MHz
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com