Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C196KB Datasheet(PDF) 1 Page - Intel Corporation

Part # M80C196KB
Description  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C196KB Datasheet(HTML) 1 Page - Intel Corporation

  M80C196KB Datasheet HTML 1Page - Intel Corporation M80C196KB Datasheet HTML 2Page - Intel Corporation M80C196KB Datasheet HTML 3Page - Intel Corporation M80C196KB Datasheet HTML 4Page - Intel Corporation M80C196KB Datasheet HTML 5Page - Intel Corporation M80C196KB Datasheet HTML 6Page - Intel Corporation M80C196KB Datasheet HTML 7Page - Intel Corporation M80C196KB Datasheet HTML 8Page - Intel Corporation M80C196KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
October 1993
Order Number 271089-006
M80C196KB
16-BIT HIGH PERFORMANCE CHMOS
MICROCONTROLLER
Military
Y
232 Byte Register File
Y
Register-to-Register Architecture
Y
28 Interrupt Sources16 Vectors
Y
23 ms 16 x 16 Multiply (12 MHz)
Y
40 ms 3216 Divide (12 MHz)
Y
Powerdown and Idle Modes
Y
Five 8-Bit IO Ports
Y
16-Bit Watchdog Timer
Y
Dynamically Configurable 8-Bit or
16-Bit Buswidth
Y
Available in 68-Lead PGA and 68-Lead
Ceramic Quad Flat Pack
Y
Full Duplex Serial Port
Y
High Speed IO Subsystem
Y
16-Bit Timer
Y
16-Bit UpDown Counter with Capture
Y
Pulse-Width-Modulated Output
Y
Four 16-Bit Software Timers
Y
10-Bit AD Converter with SH
Y
12 MHz Version
M80C196KB
Y
Available in Two Product Grades
MIL-STD-883 b55 Cto a125 C(TC)
Military Temperature Only (MTO)
b
55 Cto a125 C(TC)
The M80C196KB 16-bit microcontroller is a high performance member of the MCS -96 microcontroller family
The M80C196KB is pin-for-pin compatible and uses a true superset of the M8096 instructions Intel’s CHMOS
process provides a high performance processor along with low power consumption To further reduce power
requirements the processor can be placed into Idle or Powerdown Mode
Bit byte word and some 32-bit operations are available on the M80C196KB With a 12 MHz oscillator a 16-bit
addition takes 066 ms and the instruction times average 05 ms to 15 ms in typical applications
Four high-speed capture inputs are provided to record times when events occur Six high-speed outputs are
available for pulse or waveform generation The high-speed output can also generate four software timers or
start an AD conversion Events can be based on the timer or updown counter
Also provided on-chip are an AD converter with Sample and Hold serial port watchdog timer and a pulse-
width-modulated output signal
271089 – 1
Figure 1 M80C196KB Block Diagram


Similar Part No. - M80C196KB

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M80C108371C HARWIN-M80C108371C Datasheet
515Kb / 4P
DATAMATE DIL CRIMP SOCKET CABLE ASSEMBLY
M80C108448C HARWIN-M80C108448C Datasheet
314Kb / 1P
44WAY J/SCREW DATAMATE DIL LARGE BORE CRIMP FRMALE
logo
Intel Corporation
M80C186 INTEL-M80C186 Datasheet
590Kb / 59P
CHMOS HIGH INTEGRATION 16-BIT MICROPROCESSOR
M80C186EB-13 INTEL-M80C186EB-13 Datasheet
855Kb / 56P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR
M80C186EB-16 INTEL-M80C186EB-16 Datasheet
855Kb / 56P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR
More results

Similar Description - M80C196KB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C196EA INTEL-80C196EA Datasheet
445Kb / 46P
CHMOS 16-BIT MICROCONTROLLER
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
CHMOS 16-BIT MICROCONTROLLER
83C196LC INTEL-83C196LC Datasheet
134Kb / 22P
CHMOS 16-BIT MICROCONTROLLER
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196KD INTEL-87C196KD Datasheet
255Kb / 21P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
87C196LA INTEL-87C196LA Datasheet
309Kb / 21P
CHMOS 16-BIT MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
CHMOS 16-Bit Microcontroller
EG80296SA50 INTEL-EG80296SA50 Datasheet
345Kb / 40P
CHMOS 16-BIT MICROCONTROLLER
AN87C196KDF8 INTEL-AN87C196KDF8 Datasheet
242Kb / 21P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com