Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C196KB Datasheet(PDF) 23 Page - Intel Corporation

Part # M80C196KB
Description  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C196KB Datasheet(HTML) 23 Page - Intel Corporation

Back Button M80C196KB Datasheet HTML 19Page - Intel Corporation M80C196KB Datasheet HTML 20Page - Intel Corporation M80C196KB Datasheet HTML 21Page - Intel Corporation M80C196KB Datasheet HTML 22Page - Intel Corporation M80C196KB Datasheet HTML 23Page - Intel Corporation M80C196KB Datasheet HTML 24Page - Intel Corporation M80C196KB Datasheet HTML 25Page - Intel Corporation M80C196KB Datasheet HTML 26Page - Intel Corporation M80C196KB Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
M80C196KB
AC Characteristics (Over Specified Operating Conditions)
Test Conditions Capacitive load on all pins e 100 pF Rise and fall times e 10 ns fOSC e 12 MHz
The system must meet these specifications to work with the M80C196KB
Symbol
Description
Min
Max
Units
Notes
TAVYV
Address Valid to READY Setup
2TOSC b 85
ns
TLLYV
ALE Low to READY Setup
M80C196KB
TOSC b 75
ns
TYLYH
Non READY Time
No upper limit
ns
TCLYX
READY Hold after CLKOUT Low
0
TOSC b 30
ns
(Note 1)
TLLYX
READY Hold after ALE Low
TOSC b 15
2TOSC b 40
ns
(Note 1)
TAVGV
Address Valid to Buswidth Setup
2TOSC b 85
ns
TLLGV
ALE Low to Buswidth Setup
TOSC b 70
ns
TCLGX
Buswidth Hold after CLKOUT Low
0
ns
TAVDV
Address Valid to Input Data Valid
M80C196KB
3TOSC b 67
ns
TRLDV
RD Active to Input Data Valid
M80C196KB
TOSC b 23
ns
TCLDV
CLKOUT Low to Input Data Valid
TOSC b 50
ns
TRHDZ
End of RD to Input Data Float
TOSC b 20
ns
TRXDX
Data Hold after RD Inactive
0
ns
NOTE
1 If max is exceeded additional wait states will occur
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com