Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C196KB Datasheet(PDF) 18 Page - Intel Corporation

Part # M80C196KB
Description  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C196KB Datasheet(HTML) 18 Page - Intel Corporation

Back Button M80C196KB Datasheet HTML 14Page - Intel Corporation M80C196KB Datasheet HTML 15Page - Intel Corporation M80C196KB Datasheet HTML 16Page - Intel Corporation M80C196KB Datasheet HTML 17Page - Intel Corporation M80C196KB Datasheet HTML 18Page - Intel Corporation M80C196KB Datasheet HTML 19Page - Intel Corporation M80C196KB Datasheet HTML 20Page - Intel Corporation M80C196KB Datasheet HTML 21Page - Intel Corporation M80C196KB Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
M80C196KB
WSR
76543210
0
0
0
0
WWWW
14h
readwrite
WWWWe 0
SFRs function like a superset of M8096 SFRs
WWWWe14
PPW register
WWWWe15
Exchange readwrite registers
WWWWeOTHER
Undefined do not use
0000
These bits must always be written as zeros to provide compatibility
with future products
IOS2
76543210
START
T2
HSO5 HSO4 HSO3 HSO2 HSO1 HSO0
A2D
RESET
17h
read
Indicates which HSO event occured
START A2D
HSO
CMD 15 start A to D
T2RESET
HSO
CMD 14 Timer 2 reset
HSO0-5
Output pins HSO0 through HSO5
IOC2
76543210
CLEAR
ENA
T2ALT
A2D
X
SLOW
T2UD
FAST
CAM
LOCK
INT
CPD
PWM
ENA
T2EN
0Bh
CLEAR
CAM
Clear Entire CAM
write
ENA
LOCK
Enable lockable CAM entry feature
T2ALT INT
Enable T2 Alternate Interrupt at 8000H
A2D
CPD
Clock Prescale Disable for low XTAL frequency (A to D conversion in
fewer state times)
X
Set to 0
SLOW
PWM
Turn on divide by 2 Prescaler on PWM
T2UD ENA
Enable Timer 2 as updown counter
FAST
T2EN
Enable Fast increment of T2 once per state time
The following registers are the same on the M80C196KB as they were on the M8096BH
AD Result LO (02H)
271089 – 4
AD Command (02H)
271089 – 5
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com